| Electronic Components Datasheet Search |
|
PCF2105 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2105 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 48 page ![]() 1998 Jul 30 20 Philips Semiconductors Product specification LCD controller/driver PCF2105 10 INTERFACE TO MICROCONTROLLER (PARALLEL INTERFACE) The PCF2105 can send data in either two 4-bit modes or one 8-bit mode and can thus interface to 4 or 8-bit microcontrollers. In the 8-bit mode data is transferred as 8-bit bytes using the 8 data lines DB7 to DB0. The control lines E, RS, and R/W are required. In the 4-bit mode data is transferred in two cycles of 4-bits each. The higher order bits (corresponding to DB7 to DB4 in 8-bit mode) are sent in the first cycle and the lower order bits (DB3 to DB0 in 8-bit mode) in the second cycle. Data transfer is complete after two 4-bit data transfers. It should be noted that two cycles are also required for the busy flag check. The 4-bit mode is selected by instruction. See Figs 13, 14 and 15 for examples of bus protocol. In the 4-bit mode, the pads DB3 to DB0 must be left open-circuit. They are pulled up to VDD internally. Fig.13 4-bit transfer example. MGA804 RS E DB7 R/W DB6 DB5 DB4 instruction write busy flag and address counter read data register read IR7 IR3 BF AC3 DR7 DR3 IR6 IR2 AC6 AC2 DR6 DR2 IR5 IR1 AC5 AC1 DR5 DR1 IR4 IR0 AC4 AC0 DR4 DR0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |