Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP1521S Datasheet(PDF) 9 Page - STMicroelectronics

Part # LCP1521S
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LCP1521S Datasheet HTML 3Page - STMicroelectronics LCP1521S Datasheet HTML 4Page - STMicroelectronics LCP1521S Datasheet HTML 5Page - STMicroelectronics LCP1521S Datasheet HTML 6Page - STMicroelectronics LCP1521S Datasheet HTML 7Page - STMicroelectronics LCP1521S Datasheet HTML 8Page - STMicroelectronics LCP1521S Datasheet HTML 9Page - STMicroelectronics LCP1521S Datasheet HTML 10Page - STMicroelectronics LCP1521S Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LCP1521S/LCP152DEE
Package information
9/11
Figure 11.
QFN 3x3 6 Leads Footprint dimensions (in mm)
Table 10.
QFN 3x3 6 Leads Package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1
0.031
0.040
A1
0
0.05
0
0.002
A2
0.65
0.75
0.026
0.030
A3
20
0.787
b
0.33
0.43
0.013
0.017
D
2.90
3
3.10
0.114 0.118 0.122
D2
1.92
2.12
0.076
0.083
E
2.90
3
3.10
0.114 0.118 0.122
E2
1.11
1.31
0.044
0.051
e
0.95
0.037
L
0.20
0.45
0.008
0.018
L1
0.24
0.009
L2
0.13
0.005
K
0.20
0.008
<
0°
12°
0°
12°
0.34
0.95
0.48
1.21
2.02
4.00
1.05
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com