Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2105MU Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF2105MU
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105MU Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF2105MU Datasheet HTML 24Page - NXP Semiconductors PCF2105MU Datasheet HTML 25Page - NXP Semiconductors PCF2105MU Datasheet HTML 26Page - NXP Semiconductors PCF2105MU Datasheet HTML 27Page - NXP Semiconductors PCF2105MU Datasheet HTML 28Page - NXP Semiconductors PCF2105MU Datasheet HTML 29Page - NXP Semiconductors PCF2105MU Datasheet HTML 30Page - NXP Semiconductors PCF2105MU Datasheet HTML 31Page - NXP Semiconductors PCF2105MU Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
1998 Jul 30
28
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
Notes
1. LCD outputs are open-circuit; inputs at VDD or VSS; bus inactive; internal or external clock with duty factor 50%.
2. Resets all logic when VDD <VPOR.
3. When the voltages are above VDD or below VSS, an input current may flow; this current must not exceed ±0.5 mA.
4. Tested on sample basis.
5. Resistance of output terminals (R32 to R1 and C60 to C1) with load current IL = 150 µA; VOP =VDD − VLCD =9V;
outputs measured one at a time.
6. LCD outputs open-circuit.
15 AC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS =0V; VLCD =VDD − 3.5 V to VDD − 9 V; Tamb = −40 to +85 °C; unless otherwise specified.
LCD outputs
Ro(ROW)
row output resistance on
pads R32 to R1
note 5
−
1.5
3
k
Ω
Ro(COL)
column output resistance on
pads C60 to C1
note 5
−
36
k
Ω
Vbias(tol)
bias voltage tolerance on
pads R32 to R1 and C60 to C1
note 6
−±20
±130
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ffr(LCD)
LCD frame frequency (internal clock)
note 1
40
65
100
Hz
fosc
oscillator frequency (external clock)
90
150
225
kHz
Bus timing characteristics: Parallel Interface; notes 1 and 2
WRITE OPERATION (WRITING DATA FROM MICROCONTROLLER TO PCF2105); see Fig.23
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
tsu(D)
data set-up time
60
−−
ns
th(D)
data hold time
25
−−
ns
READ OPERATION (READING DATA FROM PCF2105 TO MICROCONTROLLER); see Fig.24
Tcy(en)
enable cycle time
500
−−
ns
tW(en)
enable pulse width
220
−−
ns
tsu(A)
address set-up time
50
−−
ns
th(A)
address hold time
25
−−
ns
td(D)
data delay time
−−
150
ns
th(D)
data hold time
20
−
100
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com