Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-RS2000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-RS2000
Description  Weighbridge PCE-RS 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-RS2000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-RS2000 Datasheet HTML 1Page - PCE Instruments. PCE-RS2000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing range
2,000 kg
Resolution
0.5 kg
Measurementuncertainty
± 2 kg
Tare ran
over the entire weighing range
Display
LCD,height 25 mm,backlit
Interfaces
1x bidirectionalRS-232 interface
1x analog output 4...20mA optional
Calibration
Input/ multi-point adjustment possible
Operatingtemperature
-10 ... +40 °C / max. 85 % RH
Powersupply
12 V / 1000 mA ACadapter (battery not possible)
Dimensions weighing platform 1200 x 1200 x 100 mm
Weight
ca. 85 kg
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com