Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD835G2V Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD835G2V
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD835G2V_07 Datasheet HTML 40Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 41Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 42Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 43Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 44Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 45Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 46Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 47Page - STMicroelectronics PSD835G2V_07 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
SRAM
PSD835G2V
44/118
11
SRAM
The SRAM is enabled when SRAM Select (RS0) from the DPLD is High. SRAM Select
(RS0) can contain up to three product terms, allowing flexible memory mapping.
The SRAM can be backed up using an external battery. The external battery should be
connected to Voltage Stand-by (VSTBY, PE6). If you have an external battery connected to
the PSD, the contents of the SRAM are retained in the event of a power loss. The contents
of the SRAM are retained so long as the battery voltage remains at 2 V or greater. If the
supply voltage falls below the battery voltage, an internal power switch-over to the battery
occurs.
PE7 can be configured as an output that indicates when power is being drawn from the
external battery. Battery-on Indicator (VBATON, PE7) is High when the supply voltage falls
below the battery voltage and the battery on Voltage Stand-by (VSTBY, PE6) is supplying
power to the internal SRAM.
SRAM Select (RS0), Voltage Stand-by (VSTBY, PC2) and Battery-on Indicator (VBATON,
PC4) are all configured using PSDsoft Express Configuration.
The SRAM Select (RS0), VBATON and VSTBY are all configured using PSDsoft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com