Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 81 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 77Page - STMicroelectronics LQFP100 Datasheet HTML 78Page - STMicroelectronics LQFP100 Datasheet HTML 79Page - STMicroelectronics LQFP100 Datasheet HTML 80Page - STMicroelectronics LQFP100 Datasheet HTML 81Page - STMicroelectronics LQFP100 Datasheet HTML 82Page - STMicroelectronics LQFP100 Datasheet HTML 83Page - STMicroelectronics LQFP100 Datasheet HTML 84Page - STMicroelectronics LQFP100 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 429 page
background image
81/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
22
I2C_1*
R240
I2DCCR
I2C Control Register
00
273
R241
I2CSR1
I2C Status Register 1
00
274
R242
I2CSR2
I2C Status Register 2
00
276
R243
I2CCCR
I2C Clock Control Register
00
277
R244
I2COAR1
I2C Own Address Register 1
00
277
R245
I2COAR2
I2C Own Address Register 2
00
278
R246
I2CDR
I2C Data Register
00
278
R247
I2CADR
I2C General Call Address
A0
278
R248
I2CISR
I2C Interrupt Status Register
xx
279
R249
I2CIVR
I2C Interrupt Vector Register
xx
280
R250
I2CRDAP
Receiver DMA Source Addr. Pointer
xx
280
R251
I2CRDC
Receiver DMA Transaction Counter
xx
280
R252
I2CTDAP
Transmitter DMA Source Addr. Pointer
xx
281
R253
I2CTDC
Transmitter DMA Transaction Counter
xx
281
R254
I2CECCR
Extended Clock Control Register
00
281
R255
I2CIMR
I2C Interrupt Mask Register
x0
282
23
JBLPD*
R240
STATUS
Status Register
40
305
R241
TXDATA
Transmit Data Register
xx
306
R242
RXDATA
Receive Data Register
xx
307
R243
TXOP
Transmit Opcode Register
00
307
R244
CLKSEL
System Frequency Selection Register
00
312
R245
CONTROL
Control Register
40
312
R246
PADDR
Physical Address Register
xx
313
R247
ERROR
Error Register
00
314
R248
IVR
Interrupt Vector Register
xx
316
R249
PRLR
Priority Level Register
10
316
R250
IMR
Interrupt Mask Register
00
316
R251
OPTIONS
Options and Register Group Selection
00
318
R252
CREG0
Current Register 0
xx
320
R253
CREG1
Current Register 1
xx
320
R254
CREG2
Current Register 2
xx
320
R255
CREG3
Current Register 4
xx
320
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com