Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQFP100 Datasheet(PDF) 353 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 353 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 349Page - STMicroelectronics LQFP100 Datasheet HTML 350Page - STMicroelectronics LQFP100 Datasheet HTML 351Page - STMicroelectronics LQFP100 Datasheet HTML 352Page - STMicroelectronics LQFP100 Datasheet HTML 353Page - STMicroelectronics LQFP100 Datasheet HTML 354Page - STMicroelectronics LQFP100 Datasheet HTML 355Page - STMicroelectronics LQFP100 Datasheet HTML 356Page - STMicroelectronics LQFP100 Datasheet HTML 357Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 429 page
background image
353/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
10.10.8.3 CAN Filter Registers
CAN FILTER CONFIGURATION REG.0 (CFCR0)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Note: To modify the FFAx and FSCx bits, the bx-
CAN must be in INIT mode.
Bit 7 = FFA1 Filter FIFO Assignment for Filter 1
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 6:5 = FSC1[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
1.
Bit 4 = FACT1 Filter Active
The software sets this bit to activate Filter 1. To
modify the Filter 1 registers (CF1R[7:0]), the
FACT1 bit must be cleared.
0: Filter 1 is not active
1: Filter 1 is active
Bit 3 = FFA0 Filter FIFO Assignment for Filter 0
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 2:1 = FSC0[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
0.
Bit 0 = FACT0 Filter Active
The software sets this bit to activate Filter 0. To
modify the Filter 0 registers (CF0R[0:7]), the
FACT0 bit must be cleared.
0: Filter 0 is not active
1: Filter 0 is active
CAN FILTER CONFIGURATION REG.1 (CFCR1)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = FFA3 Filter FIFO Assignment for Filter 3
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 6:5 = FSC3[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
3.
Bit 4 = FACT3 Filter Active
The software sets this bit to activate filter 3. To
modify the Filter 3 registers (CF3R[0:7]) the
FACT3 bit must be cleared.
0: Filter 3 is not active
1: Filter 3 is active
Bit 3 = FFA2 Filter FIFO Assignment for Filter 2
The message passing through this filter will be
stored in the specified FIFO.
0: Filter assigned to FIFO 0
1: Filter assigned to FIFO 1
Bit 2:1 = FSC2[1:0] Filter Scale Configuration
These bits define the scale configuration of Filter
2.
Bit 0 = FACT2 Filter Active
The software sets this bit to activate Filter 2. To
modify the Filter 2 registers (CF2R[0:7]), the
FACT2 bit must be cleared.
0: Filter 2 is not active
1: Filter 2 is active
70
FFA1 FSC11 FSC10 FACT1 FFA0 FSC01 FSC00 FACT0
70
FFA3 FSC31 FSC30 FACT3 FFA2 FSC21 FSC20 FACT2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com