Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2131TF Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 30Page - NXP Semiconductors PCF2131TF Datasheet HTML 31Page - NXP Semiconductors PCF2131TF Datasheet HTML 32Page - NXP Semiconductors PCF2131TF Datasheet HTML 33Page - NXP Semiconductors PCF2131TF Datasheet HTML 34Page - NXP Semiconductors PCF2131TF Datasheet HTML 35Page - NXP Semiconductors PCF2131TF Datasheet HTML 36Page - NXP Semiconductors PCF2131TF Datasheet HTML 37Page - NXP Semiconductors PCF2131TF Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
Symbol
Value
Place value Description
6
T
0
-
unused
12-hour mode[1]
0
-
indicates AM
5
AMPM
1
-
indicates PM
4
0 to 1
ten’s place
3 to 0
HOUR_ALARM
0 to 9
unit place
hour alarm information coded in BCD format when in
12-hour mode
24-hour mode[1]
5 to 4
0 to 2
ten’s place
3 to 0
HOUR_ALARM
0 to 9
unit place
hour alarm information coded in BCD format when in
24-hour mode
Table 50. Hour_alarm - hour alarm register (address 10h) bit description...continued
[1]
Hour mode is set by the bit 12_24 in register Control_1.
7.10.4 Register Day_alarm
Bit positions labeled as - are not implemented and return 0 when read. Bits labeled as X are undefined at power-on and
unchanged by subsequent resets.
Bit
7
6
5
4
3
2
1
0
Symbol
AE_D
T
DAY_ALARM (1 to 31)
Reset
value
1
0
0
0
0
0
0
0
Table 51. Day_alarm - day alarm register (address 11h) bit allocation
Bits labeled as T are unused and return 0 when readBits labeled as X are undefined at power-on and unchanged by
subsequent resets.
Bit
Symbol
Value
Place value Description
0
-
day alarm is enabled
7
AE_D
1
-
day alarm is disabled
6
T
0
-
unused
5 to 4
0 to 3
ten’s place
3 to 0
DAY_ALARM
0 to 9
unit place
day alarm information coded in BCD format
Table 52. Day_alarm - day alarm register (address 11h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
34 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com