Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1513402 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 1513402
Description  Inductive Sensor – With Increased Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1513402 Datasheet(HTML) 1 Page - Turck, Inc.

  1513402 Datasheet HTML 1Page - Turck, Inc. 1513402 Datasheet HTML 2Page - Turck, Inc. 1513402 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
BI5-S18-VP4X/S100
Inductive Sensor – With Increased Temperature Range
Technical data
Type
BI5-S18-VP4X/S100
ID
1513402
Special version
S100 corresponds to:
Maximum ambient temperature = 100 °C
General data
 
Rated switching distance
5 mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Correction factors
St37 = 1; Al = 0.3; stainless steel = 0.7; Ms
= 0.4
Repeat accuracy
≤ 2 % of full scale
Temperature drift
≤ ±10 %
≤ ± 20 %, ≥ +70 °C
Hysteresis
3…15  %
Electrical data
 
Operating voltage
10…65  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 200 mA
Rated operational current
See derating curve
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Features
■Threaded barrel, M18 x 1
■Plastic, PA12‐GF30
■Temperatures up to +100 °C
■DC 4-wire, 10…65 VDC
■Changeover contact, PNP output
■Cable connection
Wiring diagram
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this purpose
they use a high-frequency electromagnetic AC
field that interacts with the target. The sensors
hosting a ferrite core coil generate the AC field
through an LC resonant circuit.
Special versions are available for ambient
temperatures between ‐60°C and +250°C.


Similar Part No. - 1513402

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1513402 PHOENIX-1513402 Datasheet
518Kb / 19P
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
logo
Molex Electronics Ltd.
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340200 MOLEX-151340200 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 150MM
2016/07/28
151340201 MOLEX-151340201 Datasheet
151Kb / 1P
Picoblade 2 Circuit 450MM
2016/07/28
More results

Similar Description - 1513402

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CTBQ DIODES-SBR30A60CTBQ Datasheet
242Kb / 5P
Reduced high temperature reverse leakage; increased reliability
Rev erse
SBR1045D1Q DIODES-SBR1045D1Q Datasheet
126Kb / 5P
Reduced high temperature reverse leakage; increased reliability
Rev erse
ZXCT1008 DIODES-ZXCT1008_17 Datasheet
562Kb / 8P
INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
Rev erse
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Carlo Gavazzi Holding A...
ICB18S30F12NOM1 CARLOGAVAZZI-ICB18S30F12NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB12S30F06NOM1 CARLOGAVAZZI-ICB12S30F06NOM1 Datasheet
1Mb / 4P
Proximity Inductive Sensors Increased Operating Distance
ICB30S35F22NOM1 CARLOGAVAZZI-ICB30S35F22NOM1 Datasheet
755Kb / 4P
Proximity Inductive Sensors Increased Operating Distance
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
logo
Endress+Hauser Group Se...
CLS52 EH-CLS52 Datasheet
618Kb / 16P
Inductive conductivity sensor with fast temperature measurement and hygienic design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com