Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AQ5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS3L02AQ5
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AQ5 Datasheet(HTML) 3 Page - STMicroelectronics

  LIS3L02AQ5 Datasheet HTML 1Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 2Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 3Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 4Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 5Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 6Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 7Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 8Page - STMicroelectronics LIS3L02AQ5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LIS3L02AQ5
1 Block Diagram & Pins Description
CD00059677
3/15
1
Block Diagram & Pins Description
1.1
Block diagram
Figure 1.
Block Diagram
1.2
Pins Description
Figure 2.
Pins Connection (Top view)
DEMUX
S/H
CHARGE
AMPLIFIER
S/H
MUX
Y+
Z+
Y-
Z-
Voutx
Voutz
Routx
Routz
TRIMMING CIRCUIT
CLOCK
S/H
Vouty
Routy
X+
X-
SELF TEST
REFERENCE
a
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
NC
NC
NC
GND
Vdd
Vouty
ST
Voutx
NC
NC
NC
NC
NC
NC
NC
NC
Reserved
Reserved
Reserved
NC
NC
Reserved
Z
LIS3L02AQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com