Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F276Z5Q3 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST10F276Z5Q3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5Q3 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST10F276Z5Q3 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 51Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 52Page - STMicroelectronics ST10F276Z5Q3 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 229 page
background image
ST10F276
Bootstrap loader
49/229
Figure 5.
ST10F276 new standard bootstrap loader program flow
Other than after a normal reset the watchdog timer is disabled, so the bootstrap loading
sequence is not time limited. Depending on the selected serial link (UART0 or CAN1), pin
TxD0 or CAN1_TxD is configured as output, so the ST10F276 can return the acknowledge
byte. Even if the internal IFLASH is enabled, a code cannot be executed from it.
START
Falling-edge on
UART0 RxD?
Falling-edge on
CAN1 RxD?
Start timer PT0
UART RxD = 0?
CAN1 RxD = 1?
PT0 > 20?
No
Count = 1
CAN RxD = 0?
No
CAN1 RxD = 1?
No
Count += 1
Count = 5?
Stop timer PT0
Initialize CAN
Address = FA40h
No
Stop timer PT0
Message received?
No
[Address] = MO15_data0
Address = Address + 1
Address = FAC0h?
No
Glitch on CAN1 RxD
Clear timer PT0
No
No
Start timer T6
UART0 RxD = 1?
No
Stop timer T6
Initialize UART
Send acknowledge
Address = FA40h
Byte received?
No
[Address] = S0RBUF
Address = Address + 1
Address = FA60h?
No
Yes
Jump to address FA40h
UART BOOT
CAN BOOT
CAN BOOT
UART BOOT
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com