Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB845 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KB845
Description  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB845 Datasheet(HTML) 2 Page - Kingbright Corporation

  KB845 Datasheet HTML 1Page - Kingbright Corporation KB845 Datasheet HTML 2Page - Kingbright Corporation KB845 Datasheet HTML 3Page - Kingbright Corporation KB845 Datasheet HTML 4Page - Kingbright Corporation KB845 Datasheet HTML 5Page - Kingbright Corporation KB845 Datasheet HTML 6Page - Kingbright Corporation KB845 Datasheet HTML 7Page - Kingbright Corporation KB845 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPEC NO: DSAD1544
REV NO: V.5
DATE: MAR/14/2005
PAGE: 2 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: S.H.CHEN
ERP:1205000025
PHOTOCOUPLER
KB845
****PACKAGE DIMENSIONS (UNIT:mm)
DIP Type
TOLERANCE :
±±±±0.5[±0
±0
±0
±0.02] UNLESS OTHERWISE NOTED.
****Absolute Maximum Ratings (Ta=25
°°°°CCCC))))
mA
I F
Forward current
Power dissipation
Collector-emitter voltage
Collector current
Collector power dissipation
Total
power dissipation
Emitter-collector voltage
Operating temperature
Storage temperature
Soldering temperature
For 10 seconds
40 to 60%RH, AC for 1 minute
Isolation voltage
Output
Input
°C
-55~+125
Tstg
260
Tsol
°C
mA
80
I C
-30~+100
5000
Topr
Viso
°C
Vrms
200
150
P C
Ptot
mW
mW
V ECO
V CEO
6
V
35
V
P
70
mW
Symbol
Parameter
Rating
Unit
50
0.25 [0.01] 0.1
0.5 [0.02] 0.1
θ
Internal connection
diagram
7.62 [0.3] 0.3
19.82 [0.78]
1.2 [0.047] 0.3
0.9 [0.035] 0.2
1
8
4
3
2
1
2.54 [0.1] 0.25
9
16
13
14
15
16
Top View
8
7
5
6
9
10
12 11
1, 3, 5, 7. Anode
2, 4, 6, 8. Cathode
10, 12, 14, 16. Collector
9, 11, 13, 15. Emitter
mark
Anode
= 0 to 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com