Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5078 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF5078
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF5078 Datasheet HTML 7Page - NXP Semiconductors PCF5078 Datasheet HTML 8Page - NXP Semiconductors PCF5078 Datasheet HTML 9Page - NXP Semiconductors PCF5078 Datasheet HTML 10Page - NXP Semiconductors PCF5078 Datasheet HTML 11Page - NXP Semiconductors PCF5078 Datasheet HTML 12Page - NXP Semiconductors PCF5078 Datasheet HTML 13Page - NXP Semiconductors PCF5078 Datasheet HTML 14Page - NXP Semiconductors PCF5078 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Apr 12
11
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
Fig.8
Temperature coefficient of the minimum
output voltage as a function of the supply
voltage.
handbook, halfpage
0.2
1.0
0.8
0.4
0.6
23
5
4
MGS199
VDD (V)
TC
(mV/K)
APPLICATION INFORMATION
Fig.9 Application diagram for mobile station with PA protection against mismatching.
handbook, full pagewidth
MGS201
R2
1 k
Ω
C1
C2
D1
R1
1 k
Ω
D2
<50 pF
2.2 to 10 nF
sensor
antenna
PA
RF
1
2
3
4
8
7
6
5
PCF5078
VDD
VDAC
VINT
VHOME
VSS
VS2
VS1
VC
C3
22 to 82 pF
0.2 to 2.5 V
PCF5073x
AUXDAC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com