Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5078T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF5078T
Description  Power amplifier controller for GSM and PCN systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5078T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF5078T Datasheet HTML 5Page - NXP Semiconductors PCF5078T Datasheet HTML 6Page - NXP Semiconductors PCF5078T Datasheet HTML 7Page - NXP Semiconductors PCF5078T Datasheet HTML 8Page - NXP Semiconductors PCF5078T Datasheet HTML 9Page - NXP Semiconductors PCF5078T Datasheet HTML 10Page - NXP Semiconductors PCF5078T Datasheet HTML 11Page - NXP Semiconductors PCF5078T Datasheet HTML 12Page - NXP Semiconductors PCF5078T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Apr 12
9
Philips Semiconductors
Product specification
Power amplifier controller for GSM and
PCN systems
PCF5078
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
VDD = 2.4 to 5 V; Tamb = −40 to +85 °C; see Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
2.4
6.0
V
Vn
DC voltage on
pins VS2 and VS2
−3.0
+6.0
V
all other pins
−0.5
+6.0
V
In
DC current on any signal pin
−10
+10
mA
Ptot
total power dissipation
−
315
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.4
3.6
5.0
V
IDD(tot)
total supply current
−−
6mA
Sensor input voltage
VI(n)
input voltage on pins VS1 and VS2
−3
−
VDD
V
Bias current source
Ibias
detector diode bias current
no input signal;
Tamb =25 °C; see Fig.7
VDD = 2.4 V
172839
µA
VDD = 5.0 V
213345
µA
TCbias
temperature coefficient of bias current
source
−
0.07
−µA/K
Home position voltage
Vhome
internal home position voltage
Tamb =25 °C
0.550
0.600
0.650
V
TChome
temperature coefficient of internal home
position voltage source
−−2.1
−
mV/K
R3
resistor for internal home position
voltage
−
50
−
k
Ω
VI(VHOME)
home position input voltage
200
−
1000(1)
mV
Low pass filter for DAC signal (3rd-order Bessel)
f3dB
corner frequency
70
100
130
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com