Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5083 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 103Page - NXP Semiconductors PCF5083 Datasheet HTML 104Page - NXP Semiconductors PCF5083 Datasheet HTML 105Page - NXP Semiconductors PCF5083 Datasheet HTML 106Page - NXP Semiconductors PCF5083 Datasheet HTML 107Page - NXP Semiconductors PCF5083 Datasheet HTML 108Page - NXP Semiconductors PCF5083 Datasheet HTML 109Page - NXP Semiconductors PCF5083 Datasheet HTML 110Page - NXP Semiconductors PCF5083 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 136 page
background image
1996 Oct 29
107
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 88 Serial Interface Interrupt Mask Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 89 IOM®-2 Interface Configuration Register
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
IMC_OBE_MASK
Enable the IMC_OBE flag to assert the SI_INT interrupt
condition.
0
1
R/W
IMC_IBF_MASK
Enable the IMC_IBF flag to assert the SI_INT interrupt
condition.
0
2
R/W
TXD_OBE_MASK Enable the TXD_OBE flag to assert the SI_INT
interrupt condition.
0
3
R/W
RXD_IBF_MASK
Enable the RXD_IBF flag to assert the SI_INT interrupt
condition.
0
4
R/W
EXT_IOM_MASK
Enable the EXT_IOM flag to assert the SI_INT interrupt
condition.
0
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
IOMEXT_EN
Set to a logic 1 to enable the external IOM®-2 interface
0
1
R/W
IOMEXT_INV
Set to a logic 1 to invert the external IOM®-2 lines
0
2
R/W
CLOCK_MODE0
Select the IOM®-2 clock mode
0
3
R/W
CLOCK_MODE1
0
4
R/W
CLOCK_MODE2
0
5
R/W
DATA_MODE
Select the IOM®-2 data mode.
0
6
R/W
MASTER0_EN
Set to a logic 1 to enable the IOM®-2 master unit 0
0
7
R/W
MASTER1_EN
Set to a logic 1 to enable the IOM®-2 master unit 1
0
8
R/W
MASTER0_TS0
Select the IOM®-2 timeslot for the IOM®-2 master unit 0
0
9
R/W
MASTER0_TS1
0
10
R/W
MASTER0_TS2
0
11
R/W
MASTER0_TS3
0
12
R/W
MASTER1_TS0
Select the IOM®-2 timeslot for the IOM®-2 master unit 1
0
13
R/W
MASTER1_TS1
0
14
R/W
MASTER1_TS2
0
15
R/W
MASTER1_TS3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com