Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5083 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 111Page - NXP Semiconductors PCF5083 Datasheet HTML 112Page - NXP Semiconductors PCF5083 Datasheet HTML 113Page - NXP Semiconductors PCF5083 Datasheet HTML 114Page - NXP Semiconductors PCF5083 Datasheet HTML 115Page - NXP Semiconductors PCF5083 Datasheet HTML 116Page - NXP Semiconductors PCF5083 Datasheet HTML 117Page - NXP Semiconductors PCF5083 Datasheet HTML 118Page - NXP Semiconductors PCF5083 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 136 page
background image
1996 Oct 29
115
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
13 TEST AND EMULATION MODES
The PCF5083 supports two test and emulation modes which make all internal signals of the DSP or Timer core externally
available. These test modes are selected with either DSPEN = 1 and TIMEN = 0, or DSPEN = 0 and TIMEN = 1.
More information on these test modes will be made available with application notes. Ask your local sales office about the
status of these application notes.
14 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Stresses above those listed under Maximum Absolute Ratings may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or any other condition above those indicated in
the operation section of this specification is not implied.
2. For operating at elevated temperatures the device must be derated based on 125
°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects
of excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any
voltage larger than the rated maxima.
15 DC CHARACTERISTICS
Tamb = −40 to +85 °C; VDD = 3.3 V ±10%.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+5.0
V
VI
input voltage on any pin with respect to ground (VSS))
−0.5
VDD + 0.5V
V
II
sink current into any pin
−20
+20
mA
Ptot
total power dissipation
800
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER(1)
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
2.7
3.0
3.6
V
IDD
operating supply current
all sections operating;
Timer active, DSP encoding
speech; note 2
I(VDD2) +I(VDDPLL)
40
50
mA
I(VDD1)
note 3
8
mA
IDDtot
I(VDD2) +I(VDDPLL) +I(VDD1)
48
mA
IDD(SLP)
supply current Sleep mode
Timer sleeping, DSP
inactive
I(VDD2) +I(VDDPLL)
250
500
µA
I(VDD1)
note 3
340
−µA
IDD(SLP)tot
I(VDD2) +I(VDDPLL) +I(VDD1)
590
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com