Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3107-D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP3107-D
Description  Logic level TOPFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3107-D Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP3107-D Datasheet HTML 1Page - NXP Semiconductors PIP3107-D Datasheet HTML 2Page - NXP Semiconductors PIP3107-D Datasheet HTML 3Page - NXP Semiconductors PIP3107-D Datasheet HTML 4Page - NXP Semiconductors PIP3107-D Datasheet HTML 5Page - NXP Semiconductors PIP3107-D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
PIP3107-D
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Continuous drain source voltage
1
-
-
50
V
I
D
Continuous drain current
V
IS = 5 V; Tmb = 25 ˚C
-
self -
A
limited
I
D
Continuous drain current
V
IS = 5 V; Tmb ≤ 125 ˚C
-
16
A
I
I
Continuous input current
-
-5
5
mA
I
IRM
Non-repetitive peak input current
t
p ≤ 1 ms
-10
10
mA
P
D
Total power dissipation
T
mb ≤ 25 ˚C
-
65
W
T
stg
Storage temperature
-
-55
175
˚C
T
j
Continuous junction temperature
2
normal operation
-
150
˚C
T
sold
Case temperature
during soldering
-
260
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
Ω
OVERVOLTAGE CLAMPING LIMITING VALUES
At a drain source voltage above 50 V the power MOSFET is actively turned on to clamp overvoltage transients.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Inductive load turn-off
I
DM = 16 A; VDD ≤ 20 V
E
DSM
Non-repetitive clamping energy
T
mb ≤ 25 ˚C
-
200
mJ
E
DRM
Repetitive clamping energy
T
mb ≤ 95 ˚C; f = 250 Hz
-
32
mJ
OVERLOAD PROTECTION LIMITING VALUE
With an adequate protection supply provided via the input pin, TOPFET can protect itself from two types of overload
- overtemperature and short circuit load.
SYMBOL
PARAMETER
REQUIRED CONDITION
MIN.
MAX.
UNIT
V
DS
Drain source voltage
3
4 V
≤ V
IS ≤ 5.5 V
0
35
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
R
th j-mb
Junction to mounting base
-
-
1.75
1.92
K/W
R
th j-a
Junction to ambient
minimum footprint FR4 PCB
-
70
-
K/W
1 Prior to the onset of overvoltage clamping. For voltages above this value, safe operation is limited by the overvoltage clamping energy.
2 A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates to protect the switch.
3 All control logic and protection functions are disabled during conduction of the source drain diode.
October 2001
2
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com