| Electronic Components Datasheet Search |
|
PCF8531 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8531 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 44 page ![]() 2000 Feb 11 20 Philips Semiconductors Product specification 34 × 128 pixel matrix driver PCF8531 9.2 I2C-bus protocol This driver does not support ‘read’. The PCF8531 is a slave receiver. Therefore, it only responds when R/W=0 in the slave address byte. Before any data is transmitted on the I2C-bus, the device that should respond is addressed first. Two 7-bit slave addresses (0111100 and 0111101) are reserved for the PCF8531. The least significant bit of the slave address is set by connecting the input SA0 to either logic 0 (VSS) or logic 1 (VDD). The I2C-bus protocol is illustrated in Fig.14. The sequence is initiated with a START condition (S) from the I2C-bus master, and is followed by the slave address. All slaves with the corresponding address acknowledge in parallel, all others ignore the I2C-bus transfer. After acknowledgement, one or more command words follow, which define the status of the addressed slaves. A command word consists of a control byte, which defines Co and RS, plus a data byte (see Fig.14 and Table 1). The last control byte is tagged with a cleared most significant bit, the continuation bit Co. The control and data bytes are also acknowledged by all addressed slaves on the bus. After the last control byte, depending on the RS bit setting, either a series of display data bytes or command data bytes may follow. If the RS bit was set to logic 1, these display bytes are stored in the display RAM at the address specified by the data pointer. The data pointer is automatically updated and the data is directed to the intended PCF8531 device. If the RS bit of the last control byte was set to logic 0, these command bytes will be decoded and the setting of the device will be changed according to the received commands. The acknowledgement after each byte is made only by the addressed PCF8531. At the end of the transmission, the I2C-bus master issues a STOP condition (P). 9.3 Command decoder • Pairs of bytes; information in the second byte, the first byte determines whether information is display or instruction data • Stream of information bytes after Co = 0; display or instruction data, depending on last RS (Register Selection). The command decoder identifies command words that arrive on the I2C-bus. The most significant bit of a control byte is the continuation bit Co. If this bit is logic 1, it indicates that only one data byte (either command or RAM data) will follow. If this bit is logic 0, it indicates that a series of data bytes (either command or RAM data) may follow. The DB6 bit of a control byte is the RAM data/command bit RS. When this bit is at logic 1, it indicates that another RAM data byte will be transferred next. If the bit is at logic 0, it indicates that another command byte will be transferred next. handbook, full pagewidth MGS474 S 011110 SA0 A slave address R/W Co RS XXXXXX control byte Fig.14 Slave address and control byte. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |