| Electronic Components Datasheet Search |
|
APT30D40BCT Datasheet(PDF) 2 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT30D40BCT Datasheet(HTML) 2 Page - Advanced Power Technology |
|
2 / 4 page ![]() APT30D40BCT(G) DYNAMIC CHARACTERISTICS APT Reserves the right to change, without notice, the specifications and information contained herein. New Diode Data Sheet By Darel Bidwell THERMAL AND MECHANICAL CHARACTERISTICS Characteristic / Test Conditions Junction-to-Case Thermal Resistance Junction-to-Ambient Thermal Resistance Package Weight Maximum Mounting Torque Symbol RθJC RθJA W T Torque MIN TYP MAX .67 40 0.22 5.9 10 1.1 UNIT °C/W oz g lb•in N•m MIN TYP MAX - 22 - 32 - 49 - 3 - - 95 - 360 - 7 - - 47 - 730 - 25 UNIT ns nC Amps ns nC Amps ns nC Amps Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Symbol t rr t rr Q rr I RRM t rr Q rr I RRM t rr Q rr I RRM Test Conditions I F = 30A, diF/dt = -200A/µs V R = 266V, TC = 25°C I F = 30A, diF/dt = -200A/µs V R = 266V, TC = 125°C I F = 30A, diF/dt = -1000A/µs V R = 266V, TC = 125°C I F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C 10-5 10-4 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0 0.5 SINGLE PULSE 0.1 0.3 0.7 0.9 0.05 FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL Peak TJ = PDM x ZθJC + TC Duty Factor D = t1/t2 t2 t1 Note: 0.289 °C/W 0.381 °C/W 0.00448 J/°C 0.120 J/°C Power (watts) RC MODEL Junction temp(°C) Case temperature(°C) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |