Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M185 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M185
Description  AC/DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M185 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M185 Datasheet HTML 1Page - Enercon Technologies Europe AG M185 Datasheet HTML 2Page - Enercon Technologies Europe AG M185 Datasheet HTML 3Page - Enercon Technologies Europe AG M185 Datasheet HTML 4Page - Enercon Technologies Europe AG M185 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Feb 15, 2023
|
Rev f
|
Doc: DS_M185 Series
M185 SERIES AC/DC POWER SUPPLY
Cham,
www.enercon-europe.com
Netanya, www.enercon.co.il
Gurgaon, www.mpsindia.in
Switzerland
sales@enercon-europe.com
Israel
sales@enercon.co.il
India
sales@mpsindia.in
Applications
Military, Ruggedized, Telecom, Industrial
Special Features
• Four (4) DC outputs
• High efficiency
• Wide input range
• Input / Output isolation
• Fixed internal switching frequency
(250 kHz)
• External synchronization ability
• EMI filters included
• Input undervoltage lockout (< 75 VAC)
Environmental Conditions
Meets or exceeds MIL-
STD-810D
Temperature:
Operating -40°C to +90°C (baseplate)
Storage -55°C to +125°C
Reliability
150,000 hours, calculated per
MIL-STD-217F Notice 2 at +85°C
baseplate, ground fixed.
Protections
Current limiting (indefinite):
Outputs 1 through 3: Foldback
Output 4: Hiccup
Over Voltage Protection:
Outputs 1 through 3: Passive transorb.
Output 4: Crowbar.
Over Temperature Protection:
Shutdown at baseplate temperature
above +105C 
5C. Automatic
recovery at baseplate temperature
below +95C 5C
Electrical Specifications
AC INPUT
Input range:
90-265VAC, 400Hz, Single-Phase (85-
265VAC, 50/60/400Hz
Single-Phase option available)
Power Factor: 0.98
Efficiency: up to 75%
EMC:
Meet MIL-STD-461F*: CE101, CE102, CS101, CS114, CS115,
CS116, RE101, RE102, RS101, RS103
Isolation:
Input to Outputs: 500 VDC
Input to Case: 500 VDC
DC OUTPUT (floating from each other)
Outputs range:
Output
Voltage
Current
Power
1
3.3 to 24VDC
0 to 5A
0 to 30W
2
3.3 to 24VDC
0 to 5A
0 to 30W
3
3.3 to 24VDC
0 to 10A
0 to 60W
4
1.8 to 15VDC
0 to 30A
0 to 100W
Line/Load regulation:
Up to ±1% (no load to full load, –40C to +85C)
Ripple and Noise: 50mVp-p, typical (max. 1%)
Isolation:
Outputs to Case: 100VDC
• Compliance achieved with shielded harness and static resistive
load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com