Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8535U Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8535U
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535U Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8535U Datasheet HTML 8Page - NXP Semiconductors PCF8535U Datasheet HTML 9Page - NXP Semiconductors PCF8535U Datasheet HTML 10Page - NXP Semiconductors PCF8535U Datasheet HTML 11Page - NXP Semiconductors PCF8535U Datasheet HTML 12Page - NXP Semiconductors PCF8535U Datasheet HTML 13Page - NXP Semiconductors PCF8535U Datasheet HTML 14Page - NXP Semiconductors PCF8535U Datasheet HTML 15Page - NXP Semiconductors PCF8535U Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
1999 Aug 24
12
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
Table 4
Example of LCD bias voltage for 1/7bias, n = 3
7.11
Temperature measurement
7.11.1
TEMPERATURE READ BACK
The PCF8535 has an in-built temperature sensor.
For power saving, the sensor should only be enabled
when a measurement is required. It will not operate in
power-down mode. The temperature read back requires a
clock to operate. Normally the internal clock is used but, if
the device is operating from an external clock, then this
must be present for the measurement to work. VDD2 and
VDD3 must also be applied. A measurement is initialized by
setting the SM bit. Once started the SM bit will be
automatically cleared. An internal oscillator will be
initialized and allowed to warm-up for approximately
2 frame periods. After this the measurement starts and
lasts for a maximum of 2 frame periods.
Temperature data is returned via a status register. During
the measurement the register will contain zero. Once the
measurement is completed the register will be updated
with the current temperature (non zero value). Because
the I2C-bus interface is asynchronous to the temperature
measurement, read back prior to the end of the
measurement is not guaranteed. If this mode is required
the register should be read twice to validate the data.
The ideal temperature read-out can be calculated as
follows;
(1)
where T is the on-chip temperature in
°C and c is the
conversion constant; c = 1.17
°C/lsb.
To improve the accuracy of the temperature measurement
a calibration is recommended during the assembly of the
final product.
For calibrating the temperature read-out a measurement
must be taken at a defined temperature. The offset
between the ideal read-out and the actual result has to be
stored into a non-volatile register (e.g. EEPROM);
(2)
where TRmeas is the actual temperature read-out of the
PCF8535.
The calibrated temperature read-out can be calculated for
each measurement as follows:
(3)
The accuracy after the calibration is
±6.7% (plus ±1 lsb) of
the difference between the current temperature and the
calibration temperature. For this reason a calibration at or
near the most sensitive temperature for the display is
recommended.
E.g. for a calibration at 25
°C with the current temperature
at
−20 °C, the absolute error may be calculated as:
Absolute error = 0.067
× (25 °C −−20 °C)
=
±3 °C+ ±1 lsb = ±4.17 °C.
7.12
Temperature compensation
7.12.1
TEMPERATURE COEFFICIENTS
Due to the temperature dependency of the liquid crystals
viscosity the LCD controlling voltage, V must be increased
at lower temperatures to maintain optimum contrast.
Figure 4 shows VLCD as a function of temperature for a
typical high multiplex rate liquid.
In the PCF8535 the temperature coefficient of VLCD can be
selected from 8 values by setting bits TC[2:0],
see Table 5.
SYMBOL
BIAS VOLTAGE FOR 1/7BIAS
V1
VLCD
V2
6/7 × VLCD
V3
5/7 × VLCD
V4
2/7 × VLCD
V5
1/7 × VLCD
V6
VSS
TR
ideal
128
T
27
°C
–
()
1
c
---
×
+
=
Offset
TR
ideal
TR
meas
–
=
TR
cal
TR
meas
Offset
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com