Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8549 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1997 Nov 21
18
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Table 5
LCD bias voltage
Set VOP value:
The operation voltage VLCD can be set by software. The generated voltage is dependent of the temperature, the
programmed temperature coefficient (TC), and the programmed voltage at reference temperature (TCUT).
(1)
The voltage at reference temperature (VLCD(T=TCUT)) can be calculated as:
(2)
The parameters are explained in table 6.
The maximum voltage that can be generated is depending on the VDD2/2_HV Voltage and the display load current. The
relation ship is shown in Fig.16.
The charge pump is turned off if Vop[6 : 0] is set to zero.
For Mux 1 : 65 the optimum operation voltage of the liquid can be calculated as:
where Vth is the threshold voltage of the liquid crystal material used.
1012
6
1 : 24
1101
5
1 : 16
1110
4
1 : 9
SYMBOL
BIAS VOLTAGES
V1
VLCD
V2
(b-1)/b
× VLCD
V3
(b-2)/b
× VLCD
V4
2/b
× VLCD
V5
1/b
× VLCD
V6
VSS
BS[2]
BS[1]
BS[0]
n
b (RES. COUNT)
MUX RATE
V
LCD
a
VOP
+
b
()
TT
CUT
() TC
+
=
V
LCD
aVOP
+
b
()
=
V
LCD
165
+
21
1
65
----------


--------------------------------------- V
th
6.85 V
th
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com