Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8558 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8558 Datasheet HTML 10Page - NXP Semiconductors PCF8558 Datasheet HTML 11Page - NXP Semiconductors PCF8558 Datasheet HTML 12Page - NXP Semiconductors PCF8558 Datasheet HTML 13Page - NXP Semiconductors PCF8558 Datasheet HTML 14Page - NXP Semiconductors PCF8558 Datasheet HTML 15Page - NXP Semiconductors PCF8558 Datasheet HTML 16Page - NXP Semiconductors PCF8558 Datasheet HTML 17Page - NXP Semiconductors PCF8558 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1998 Apr 07
14
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 V to VDD − 9 V; Tamb = −40 to +85 °C; unless otherwise specified, note 1.
Notes
1. Outputs are open-circuit; inputs at VDD or VSS; I2C-bus inactive; external clock with 50% duty factor.
2. Resets all logic when VDD <VPOR.
3. Periodically sampled, not 100% tested.
4. Resistance of output terminals (R1 to R40 and C1 to C101) with IL =20 µA; VOP =VDD − VLCD = 9 V; outputs
measured one at a time.
5. When the voltages are above or below the supply voltages VDD or VSS, an input current may flow. This current must
not exceed
±0.5 mA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.5
−
6.0
V
VLCD
LCD supply voltage
VDD − 9
−
VDD − 3.5 V
IDD(PD)
supply current in power-down mode
−
510
µA
IDD1
supply current external clock
−
120
180
µA
IDD2
supply current internal clock
−
130
200
µA
ILCD
LCD input current
−
50
100
µA
VPOR
power-on reset level
note 2
0.6
1.3
1.8
V
Logic
VIL1
LOW level input voltage (all inputs
except OSC)
VSS
−
0.3VDD
V
VIH1
HIGH level input voltage (all inputs
except OSC)
0.7VDD
−
VDD
V
VIL2
LOW level input voltage (pin OSC)
VSS
−
VDD − 1.5 V
VIH2
HIGH level input voltage (pin OSC)
VDD − 0.1 −
VDD
V
IL1
leakage current at T1, T3 OSC and SA0
VI =VDD or VSS
−1
−
+1
mA
CI1
input capacitance at T1, T3 OSC and
SA0
note 3
−−
5pF
LCD outputs
VDC
DC component of LCD drivers R1 to R40
and C1 to C101
−±20
−
mV
RROW
output resistance R1 to R40
note 4
−
1.5
6
k
Ω
RCOL
output resistance C1 to C101
note 4
−
310
k
Ω
I2C-bus; SDA and SCL
VIL3
LOW level input voltage
note 5
VSS
−
0.3VDD
V
VIH3
HIGH level input voltage
note 5
0.7VDD
−
6V
IL2
leakage current
VI =VDD or VSS
−1
−
+1
mA
CI2
input capacitance
note 3
−−
7pF
IOL
LOW level output current at SDA
VOL = 0.4 V;
VDD =5V
3.0
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com