Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AS5TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS3L02AS5TR
Description  MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS5TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS3L02AS5TR Datasheet HTML 2Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 3Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 4Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 5Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 6Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 7Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 8Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 9Page - STMicroelectronics LIS3L02AS5TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2 Mechanical and Electrical Specifications
LIS3L02AS5
6/14
Note: 1 The product is factory calibrated at 5.0V. The device can be powered from 4.5V to 5.5V. Voff, So
and Vt parameters will vary with supply voltage.
2 Typical specifications are not guaranteed
3 Verified by wafer level test and measurement of initial offset and sensitivity
4 Zero-g level and sensitivity are essentially ratiometric to supply voltage
5 Guaranteed by design
6 Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
7 “Self test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
8 “Self test output voltage change” varies cubically with supply voltage
9 When full-scale is set to ±6g, “self-test output voltage change” is one third of the specified value.
10 Minimum resonance frequency Fres=1.5KHz. Sensor bandwidth=1/(2*
π*110KΩ*Cload) with
Cload>1nF.
2.2
Electrical Characteristics
Note: 1 The product is factory calibrated at 5.0V
2 Typical specifications are not guaranteed
3 Minimum resonance frequency Fres=1.5KHz. Sensor bandwidth=1/(2*
π*110kΩ*Cload) with
Cload>1nF
Top
Operating Temperature
Range
-40
+85
°C
Wh
Product Weight
0.6
gram
Table 3.
Electrical Characteristics1
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =5.0V, T=25°C
unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.2
Max.
Unit
Vdd
Supply Voltage
4.5
5
5.5
V
Idd
Supply Current
mean value
PD pin connected to GND
1.0
1.5
mA
IddPdn
Supply Current in Power
Down Mode
rms value
PD pin connected to Vdd
2.5
5
µA
Vst
Self Test Input
Logic 0 level
0
0.8
V
Logic 1 level
3.6
Vdd
V
Rout
Output Impedance
80
110
140
k
Ω
Cload
Capacitive Load Drive3
320
pF
Ton
Turn-On Time at exit from
Power Down mode
Cload in
µF
550*Cload+0.3
ms
Table 2.
Mechanical Characteristics1 (continued)
(Temperature range -40°C to +85°C) All the parameters specified @ Vdd = 5.0V,
T = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.2
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com