Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

303 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 303
Description  IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

303 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  303 Datasheet HTML 1Page - Enercon Technologies Europe AG 303 Datasheet HTML 2Page - Enercon Technologies Europe AG 303 Datasheet HTML 3Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Techaya
Networking
Products
October 24, 2021 | rev. -A
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
SPECIFICATIONS
•
High Power Chargers for most popular battery powered devices, via all USB 3. downstream ports, up to 2A per port.
•
Supports the following USB-IF BC1.2 charging profiles:
- DCP: Dedicated Charging Port (Power brick with no data)
- CDP: Charging Downstream Port (1.5A with data)
- SDP: Standard Downstream Port (0.5A with data)
- Custom profiles loaded via SMBus or OTP
•
All downstream ports supports individual port power control, over-current & Short circuit protection.
•
Over voltage / Reverse Voltage protections for Self-Powered and VBUS-powered supply sources.
•
USB ESD Protection up to 17KV (Air) and 12KV (Contact).
BATTERY CHARGE
•
USB 3. (Gen1) Specification - supports 5Gbps SuperSpeed (SS)
•
480Mbps High-Speed (HS)
•
12Mbps Full-Speed (FS)
•
1.5Mbps Low-Speed (LS)
STANDARDS
COMPLIANCE
•
5VDC (USB) INPUT, Upstream USB Port # 1, or 12-28VDC external power source for high power applications
•
Output 5VDC Aggregated up to 15A
POWER
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC
•
MILSTD-810F/G/GM:
• Shock (516.5), Salt/Fog (509.4)
• Random vibration (514.5I), Bench Handling (516.6VI)
• Air Pressure (500.5I,II), Blowing Rain (506.5I)
• High Temp.(501.5I,II), Low Temp.(502.5I), Humidity (507.5II),
• Immersion (512.5I), Salt Atmosphere (509.5I), Blowing Dust (510.5I)
• Loose Cargo Vibration (514.6II), Wind Analysis
• IP68
ENVIRONMENTAL
MILTECH™ 303
IP 68 Military Rugged USB 3.2 Gen1 advanced featured Smart HUB
2
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com