Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8566 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 10Page - NXP Semiconductors PCF8566 Datasheet HTML 11Page - NXP Semiconductors PCF8566 Datasheet HTML 12Page - NXP Semiconductors PCF8566 Datasheet HTML 13Page - NXP Semiconductors PCF8566 Datasheet HTML 14Page - NXP Semiconductors PCF8566 Datasheet HTML 15Page - NXP Semiconductors PCF8566 Datasheet HTML 16Page - NXP Semiconductors PCF8566 Datasheet HTML 17Page - NXP Semiconductors PCF8566 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
1998 May 04
14
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
There is a one-to-one correspondence between the RAM
addresses and the segment outputs, and between the
individual bits of a RAM word and the backplane outputs.
The first RAM column corresponds to the 24 segments
operated with respect to backplane BP0 (see Fig.9).
In multiplexed LCD applications the segment data of the
second, third and fourth column of the display RAM are
time-multiplexed with BP1, BP2 and BP3 respectively.
When display data are transmitted to the PCF8566 the
display bytes received are stored in the display RAM
according to the selected LCD drive mode. To illustrate the
filling order, an example of a 7-segment numeric display
showing all drive modes is given in Fig.10; the RAM filling
organization depicted applies equally to other LCD types.
With reference to Fig.10, in the static drive mode the eight
transmitted data bits are placed in bit 0 of eight successive
display RAM addresses. In the 1 : 2 multiplex drive mode
the eight transmitted data bits are placed in bits 0 and 1 of
four successive display RAM addresses. In the 1 : 3
multiplex drive mode these bits are placed in
bits 0, 1 and 2 of three successive addresses, with bit 2 of
the third address left unchanged. This last bit may, if
necessary, be controlled by an additional transfer to this
address but care should be taken to avoid overriding
adjacent data because full bytes are always transmitted.
In the 1 : 4 multiplex drive mode the eight transmitted data
bits are placed in bits 0, 1, 2 and 3 of two successive
display RAM addresses.
6.14
Data pointer
The addressing mechanism for the display RAM is
realized using the data pointer. This allows the loading of
an individual display data byte, or a series of display data
bytes, into any location of the display RAM.
The sequence commences with the initialization of the
data pointer by the LOAD DATA POINTER command.
Following this, an arriving data byte is stored starting at the
display RAM address indicated by the data pointer thereby
observing the filling order shown in Fig.10. The data
pointer is automatically incremented according to the LCD
configuration chosen. That is, after each byte is stored, the
contents of the data pointer are incremented by eight
(static drive mode), by four (1 : 2 multiplex drive mode), by
three (1 : 3 multiplex drive mode) or by two (1 : 4 multiplex
drive mode).
6.15
Subaddress counter
The storage of display data is conditioned by the contents
of the subaddress counter. Storage is allowed to take
place only when the contents of the subaddress counter
agree with the hardware subaddress applied to
A0, A1 and A2 (pins 7, 8, and 9). A0, A1 and A2 should
be tied to VSS or VDD. The subaddress counter value is
defined by the DEVICE SELECT command. If the contents
of the subaddress counter and the hardware subaddress
do not agree then data storage is inhibited but the data
pointer is incremented as if data storage had taken place.
The subaddress counter is also incremented when the
data pointer overflows.
The storage arrangements described lead to extremely
efficient data loading in cascaded applications. When a
series of display bytes are being sent to the display RAM,
automatic wrap-over to the next PCF8566 occurs when
the last RAM address is exceeded. Subaddressing across
device boundaries is successful even if the change to the
next device in the cascade occurs within a transmitted
character.
Fig.9
Display RAM bit-map showing direct relationship between display RAM addresses and segment outputs,
and between bits in a RAM word and backplane outputs.
handbook, full pagewidth
0
0
1
2
3
1234
19
20
21
22
23
display RAM addresses (rows)/segment outputs (S)
display RAM bits
(columns) /
backplane outputs
(BP)
MGG389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com