Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9012-C Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 9012-C
Description  Compact, Military-Grade, Managed 12-Port Gigabit Ethernet Router / Switch With Cisco® IOS® - XE 8000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9012-C Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  9012-C Datasheet HTML 1Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 2Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 3Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 4Page - Enercon Technologies Europe AG 9012-C Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Networking
Products
SPECIFICATIONS
ETHERNET PORTS:
• Managed 12 x switched 10/100/1000 ports
NETWORKING:
General
• Wire-speed hardware-based 12 ports gigabit Ethernet switch –
L2, L3, L4 Capabilities
• L3 – Routing capabilities: Static, RIP V1, V2,
OSPF V1/V2/V3, Multicast Routing, BGP4, VRRP
• Multicasting (IGMP Snooping), GARP, GMRP, MLD and
GVRP up to 8K groups for both IPv4 and IPv6
• Broadcasting and flooding Control up to 16K groups
• 802.1q Tagged based VLAN up to 4K VLAN groups
• Bridge support for VLAN Q-in-Q
• Link Aggregation 802.3ad, up to 16 members in group
• Link Aggregation mechanism based on L2/ L3/ L4 parameters
• Jumbo Frame support up to 10K
• WEB, CLI, Telnet Management
NETWORKING:
Quality of Service
• QoS Multi-Layer Classifier: 802.1p, EtherType, VLAN-ID, IPv4/6 DSCP / ToS, and UDP / TCP
ports & ranges traffic classification
• Per port WFQ and Strict Queuing scheduling
• DSCP remarking for both IPv4 and IPv6 frames
• Ingress policer and ingress shaper per port with 500Kbps granularity
• Egress shaper per port with 500Kbps granularity
• Full-duplex flow control (IEEE802.3X) and half-duplex backpressure,
symmetric and asymmetric
NETWORKING:
Security
• Security via Radius Authentication 802.1x, Port / MAC access control
• Port Security
• Per port ingress and egress port mirroring
• Mirroring per VLAN and per content awareness match
• Private VLAN support per VLAN (Isolated and Promiscuous ports)
• Content Aware Policers:
- 128 Content Aware Policers
- 16 Content Aware rate policers with rates from 1fps to 32 million fps
- 8 UDP/TCP port range policers
- Advanced ACL trough hardware based match patterns
- Content Aware Policers for generic MAC, ARP, IPv4, IPv6 protocols
- No restriction on any mix of entries to Content Aware Policers
- Content Aware Policers actions are permit/deny, police, count, snoop and mirror
- Special support for IP fragments, UDP/TCP port ranges
- Extensive CPU DoS prevention
- Surveillance functions by Content Aware Policers counters
- Multiple ACLs per port for optimal usage of Content Aware Policers
• Storm controllers for flooded broadcast, multicast and unicast
NETWORKING:
Redundancy and ring protection:
• Spanning Tree (802.1d), RSTP (802.1w) and multiple Spanning Tree (802.1S)
for fast recovery rings
• QoS consistency across stack / ring
• Mirroring across stack / ring
• Link aggregation groups spanning multiple switches in stack / ring
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972 73 246 9200
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +49 170 7741070
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91 124 651 0010
122024



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com