Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9022 Datasheet(PDF) 3 Page - Enercon Technologies Europe AG

Part # 9022
Description  Military Managed 12 Ports Gigabit Switch Router
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

9022 Datasheet(HTML) 3 Page - Enercon Technologies Europe AG

  9022 Datasheet HTML 1Page - Enercon Technologies Europe AG 9022 Datasheet HTML 2Page - Enercon Technologies Europe AG 9022 Datasheet HTML 3Page - Enercon Technologies Europe AG 9022 Datasheet HTML 4Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
3
SPECIFICATIONS
•
96.8 Mpps wire speed forwarding rate
•
56 Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE:
•
Voltage Input: 24Vdc Nominal (18-32Vdc or 90-230VAC)
•
Power Consumption: 20W Max
•
Chassis grounding
POWER:
•
MIL-STD-461E Electromagnetic compatibility
•
CE-102, CS-114, CS-115, CS-116, RE-102, RS-103
ELECTROMAGNETIC:
•
MIL-STD-810F; 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516VI | 514.5 | 512.4
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 482mm (L) x 242mm (W) x 44mm(H), including connectors & hardware, 1U, 19” rack.
•
Dimensions: 18.97”(L) x 9.52”(W) x 1.73”(H), including connectors & hardware, 1U, 19” rack.Weight: 3.1kg
PHYSICAL:
•
19” standard mounting ears.
INSTALLATION:
•
No Moving Parts. Passive Cooling.
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF) Cold Start-Up
OPERATING TEMP:
•
45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
* Currently not supported – software upgrade option.
MILTECH™ 9022
Military Managed 12 Ports Gigabit Switch Router
A
B
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
DRAWN
DATE
OF
/
PATH:
MATERIAL:
CHECKED
APPROVED
DESIGNED
DWG TITLE
DWG No.
SCALE
SIZE
SHEET
THIS DOCUMENT SHALL NOT BE REPRODUCED,
NOR SHALL THE INFORMATION CONTAINED
HEREIN BE USED BY OR DISCLOSED TO OTHERS
EXCEPT AS EXPRESSLY AUTHORIZED IN WRITING
BY TECHAYA LTD.
UNSPECIFIED TOLERANCES:
- LINEAR DIMENSIONS PER ISO 2768-1(DIN
7168), GRADE
-HOLES & OPENINGS DIMENSIONS: H
-SHAFTS & EXTERNAL DIMENSIONS: h
-ANGULAR DIMENSIONS:
0.5
UNSPECIFIED GEOMETRICAL
TOLERANCES PER ISO 2768-2(DIN 7168),
GRADE:
FINISH:
SURFACE
ROUGHNESS:
NAME
NOMINAL DIMENSIONS AND GEOMETRY ARE ACCORDING TO STEP FILE:
Tel: +972-4-6377741
P.O.B. 1500 Pardes Hanna, 37100, Israel
REMOVE BURRS & SHARP EDGES 0.3X45
PROJECT NAME:
Fax:+972-4-6377761
ALL DIMENSIONS ARE IN MM.
DON'T SCALE DRAWING.
CHANGES MUST BE MADE
ON MODEL FILE.
WEIGHT:
REV.
MILTECH 9022 MECHANICAL
ICD
9022 ICD
ELIZABATE
UDI
02/10/2014
1
1
C:\techay-inventor\MOLTECH9022\DRAWINGS\MILTECH9022_ICDREV 2.00.idw
SEE NOTES
02/10/2014
02/10/2014
ZAMIR
02/10/2014
ZAMIR
A2
2.00
Techaya Ltd
0
REVISION HISTORY
ZONE
REV
DESCRIPTIO
DATE
APPROVED
2.0
R&D
02/10/2014
ZAMIR
465.0
482.6
6.3
215.3
GROUND STUD NC8-32
18.1
C.O.G
C.O.G
D38999-24WC 4P POWER
5-SCEB76A0714SN
ADAPTOR 19" REAR
ADAPTOR 19" FRONT
OTES:
1. MATERIALS: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B
2. FINISH: CHEMICAL CONVERSION FILM PER MIL-DTL-5541F, TYPE I, CL.1A. (goldy)
PAINTING:
- ONE LAYER OF PRIMERY
COAT STRONCIUM CHROMATE PER MIL-P-23377, THICKNESS 15-20 mkm.
- UPPER LAYER OF EPOXY-POLYAMIDE PAINT
THICKNESS 20-30 mkm.
WEIGHT3.500 KG
40.0
144.4
220.0
20.0TYP
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
DRAWN
DATE
OF
/
PATH:
MATERIAL:
CHECKED
APPROVED
DESIGNED
DWG TITLE
DWG No.
SCALE
SIZE
SHEET
THIS DOCUMENT SHALL NOT BE REPRODUCED,
NOR SHALL THE INFORMATION CONTAINED
HEREIN BE USED BY OR DISCLOSED TO OTHERS
EXCEPT AS EXPRESSLY AUTHORIZED IN WRITING
BY TECHAYA LTD.
UNSPECIFIED TOLERANCES:
- LINEAR DIMENSIONS PER ISO 2768-1(DIN
7168), GRADE
-HOLES & OPENINGS DIMENSIONS: H
-SHAFTS & EXTERNAL DIMENSIONS: h
-ANGULAR DIMENSIONS:
0.5
UNSPECIFIED GEOMETRICAL
TOLERANCES PER ISO 2768-2(DIN 7168),
GRADE:
FINISH:
SURFACE
ROUGHNESS:
NAME
NOMINAL DIMENSIONS AND GEOMETRY ARE ACCORDING TO STEP FILE:
Tel: +972-4-6377741
P.O.B. 1500 Pardes Hanna, 37100, Israel
REMOVE BURRS & SHARP EDGES 0.3X45
PROJECT NAME:
Fax:+972-4-6377761
ALL DIMENSIONS ARE IN MM.
DON'T SCALE DRAWING.
CHANGES MUST BE MADE
ON MODEL FILE.
WEIGHT:
REV.
MILTECH 9022 MECHANICAL
ICD
9022 ICD
ELIZABATE
UDI
02/10/2014
1
1
C:\techay-inventor\MOLTECH9022\DRAWINGS\MILTECH9022_ICDREV 2.00.idw
SEE NOTES
02/10/2014
02/10/2014
ZAMIR
02/10/2014
ZAMIR
A2
2.00
Techaya Ltd
0
REVISION HISTORY
ZONE
REV
DESCRIPTIO
DATE
APPROVED
2.0
R&D
02/10/2014
ZAMIR
465.0
482.6
6.3
215.3
GROUND STUD NC8-32
18.1
C.O.G
C.O.G
D38999-24WC 4P POWER
5-SCEB76A0714SN
ADAPTOR 19" REAR
ADAPTOR 19" FRONT
OTES:
1. MATERIALS: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B
2. FINISH: CHEMICAL CONVERSION FILM PER MIL-DTL-5541F, TYPE I, CL.1A. (goldy)
PAINTING:
- ONE LAYER OF PRIMERY
COAT STRONCIUM CHROMATE PER MIL-P-23377, THICKNESS 15-20 mkm.
- UPPER LAYER OF EPOXY-POLYAMIDE PAINT
THICKNESS 20-30 mkm.
WEIGHT3.500 KG
40.0
144.4
220.0
20.0TYP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com