Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # 908
Description  Compact, Portable Military Gigabit Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

908 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  908 Datasheet HTML 1Page - Enercon Technologies Europe AG 908 Datasheet HTML 2Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Techaya
Networking
Products
Jan 25, 2020 | rev. -
Cham, Switzerland | www.enercon-europe.com | sales@enercon-europe.com | +41-41-740-4554
Netanya, Israel (Headquarter) | www.enercon.co.il | sales@enercon.co.il | +972-73-246 9200
Gurgaon, India | www.mpsindia.in | sales@mpsindia.in | +91-124-651 0010
2
MILTECH™ 908
Compact, Portable Military Gigabit Ethernet Switch
ORDERING INFORMATION
DESCRIPTION
PART NUMBER
•
Managed military grade gigabit switch, 8 x 10/100/1000TX
1-908-001
•
Enhanced Managed Military Grade Gigabit Ethernet Switch, 8 x 10/100/1000TX
1-908-101
•
LAN harness for single LAN ports, 1 x D38999 connector to 1 x RJ45 connector, 3 meters length
2-CBL908LAN
•
LAN+MNG-LAN and management harness for single LAN ports, 1 x D38999 connector to 1 x RJ45 connector and 1x
DB9 connector, 3 meters length
2-CBL908MNG
•
Power harness 1 x D38999 to open wires 3 meter length
2-CBL610PW3M
SPECIFICATIONS
•
MIL-STD-1275B | MIL-STD-704A |
MIL-STD-461A | MIL-STD-810F GM | IP67
STANDARDS:
•
26.8 Mpps wire speed forwarding rate
•
20Gbps maximum forwarding bandwidth
•
8K MAC Address
PERFORMANCE:
•
IEEE 802.1x MAC based Authentication
•
IEEE 802.1Q Vlan Tagging
•
IEEE 802.1P QoS
•
IEEE 802.1S Multiple STP
•
IEEE 802.1W Rapid STP
•
IEEE 802.1AD Link Aggregation
•
IEEE 802.1X
STANDARDS COMPLIANCE:
•
MIL-STD-1275B Surge and Spike protection
•
Voltage Input: 24Vdc Nominal (18-32V)
•
Power Consumption: 7W Typical
•
Chassis grounding
POWER:
•
MIL-STD-461A Electromagnetic compatibility
•
RE-02, RS-03
ELECTROMAGNETIC:
•
MIL-STD-810F; 501.4I | 501.4II | 502.4I | 502.4II | 507.4 | 500.4II | 514 | 516I | 516VI | 514.5 | 512.4
SHOCK/VIBRATION/HUMIDITY:
•
Dimensions: 269mm (L) x 132.9mm (W) x 71.7mm (H), including connectors. Weight: 1.5kg
•
Dimensions: 10.6” (L) x 5.2”(W) x 2.8”(H), including connectors. Weight: 1.5kg
PHYSICAL:
•
4 x CAPTIVE SCREW #10-32 (PEM- PFC2P-032-94)
INSTALLATION:
•
No Moving Parts. Passive Cooling
COOLING:
•
-45ºC to +85ºC (-49ºF to +185ºF). Cold Start-Up
OPERATING TEMP:
•
-45ºC to +85ºC (-49ºF to +185ºF)
STORAGE TEMP:
A
B
C
F
8
E
D
C
B
A
G
H
J
K
L
M
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
9
1
2
3
4
5
6
7
8
10
11
12
K
G
A
B
C
D
E
F
H
J
13
14
15
L
M
16
63
269.0
235.0
132.2
VIEW WITHOUT PROTECTION CAPS
NAME PLATE
GROUMDING
(#8-32)
LED POWER
INDICATORS
PANEL
INDICATORS
PANEL
LAN CONNECTOR D38999-24WB35SN
(88-569782-35SN)
PIN NUMBER 1(x8)
COG
VIEW WITHOUT PROTECTION CAPS
CAPTIVE SCREW #10-32
(PEM- PFC2P-032-94)
(x4)
POWER CONNECTOR
D38999-24WA98PN
PIN NUMBER 1.
71.7
CAPTIVE SCREW #10-32
(PEM- PFC2P-032-94)
UNFASTENED- 0.0
FASTENED- 5.4
26.5
COG
COG
POWER CONNECTOR
D38999-24WA98PN
WITH PROTECTION
VIEW WITH PROTECTION CAPS
LAN CONNECTOR D38999-24WB35SN
(88-569782-35SN)
WITH PROTECTION(x8)
NOTES:
1. MATERIAL
: AL.ALLOY 6061-T651 PER AMS QQ-250/11 OR AMS QQ-A-225/B.
2. THE SOLID MODEL FILE MAY BE USED FOR MANUFACTURING AND DIMENSIONAL MEASUREMENT PURPOSES
AND SHALL BE USED FOR DEFINITION OD DIMENSIONS NOT EXPLICITLY SPECIFIED ON THE DRAWING.
ALL NOTES AND DIMENSIONAL REQUIREMENTS SPECIFIED ON THE DRAWING ARE OBLIGATORY.
3. FINISH: CHEMICAL CONVERSION COATING (YELLOW) PER MIL-C-5541F, CLASS 1A (RoHs COMPLIED).
4. PAINTING: PAINTED ON EXTERNAL SURFACES ONLY,OR IN ASSEMBLY WITH COVER PN. 800-C09080000, SEE MORE
INFORMATION IN SHEET NO. 2.
4.1 ONE LAYER OF PRIMER.
4.2 PRIMER EPOXY COATING PER MIL-DTL-53022E, TYPE II, THICKNESS OF 1 LAYER OF 15-23mkm.
4.3 TOP COATING POLYURETHANE PER MIL-C-83286B, TYPE II, CLASS H, THICKNESS OF 2 LAYERS OF 43-58 mkm.
COLOR PER ORDER.
5. APPROX WEIGHT- 1500grm.
REVISIONS
REV.
ECO
DESCRIPTION
DATE
APPROVED
1.01
EC17000010
RTP
01/02/2017 DROR S.
PRINTED ON: 2/20/2017
LAST UPDATE: 2/20/2017
TOLERANCES (PER ISO 2768 (DIN7168),
UNLESSS OTHERWISE SPECIFIED):
- LINEAR DIMENSIONS: CLASS F
- ANGULAR DIMENSIONS: CLASS M
- GEOMETRICAL TOLERANCES: CLASS K
- HOLES & OPENINGS DIMENSIONS: H11
- SHAFTS & EXTERNAL DIMENSIONS: h11
MILTECH 908
1.01
A1
SHEET 1 OF 1
SCALE: 1:1
DWG NO.
TITLE:
DWG REV.
MILTECH 908
MAIN ASSEMBLY ICD
PART NO:
PROJECT:
WEIGHT:
[g]
2/1/2017
DSGN'D
SEE NOTES
2/1/2017
UDI
EINAM
SEE NOTES
DROR S.
DRAWN
CHK'D
APPV'D
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS
FINISH:
NAME
SIGNATURE
DATE
MATERIAL:
DO NOT SCALE DRAWING
FILE NAME: M:\PROJECTS SW\908\MODEL\1-908-400-ICD
2/1/2017
DEBURR & SHARP EDGES 0.2X45
NOMINAL DIMENSIONS AND
GEOMETRY ARE ACCORDING
TO MODEL FILE.
THIS DOCUMENT SHALL NOT
BE REPRODUCED, NOR
SHALL THE INFORMATION
CONTAINED HEREIN BE
USED BY OR DISCLOSED TO
OTHERS EXCEPT AS
EXPRESSLY AUTHORIZED IN
WRITING BY TECHAYA LTD.
SURFACE
ROUGHNESS:
TECHAYA LTD.
WWW.TECHAYA.COM
TEL: +972-4-6377741
FAX:+972-4-6377761
P.O.B. 1500 PARDES HANNA,
37100, ISRAEL
1-908-000-ICD
1-908-000-ICD
DROR S. 2/1/2017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com