Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8570 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8570
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8570 Datasheet HTML 4Page - NXP Semiconductors PCF8570 Datasheet HTML 5Page - NXP Semiconductors PCF8570 Datasheet HTML 6Page - NXP Semiconductors PCF8570 Datasheet HTML 7Page - NXP Semiconductors PCF8570 Datasheet HTML 8Page - NXP Semiconductors PCF8570 Datasheet HTML 9Page - NXP Semiconductors PCF8570 Datasheet HTML 10Page - NXP Semiconductors PCF8570 Datasheet HTML 11Page - NXP Semiconductors PCF8570 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Jan 06
8
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12 under
“Handling MOS Devices”.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (pin 8)
−0.8
+8.0
V
VI
input voltage (any input)
−0.8
VDD + 0.8
V
II
DC input current
−±10
mA
IO
DC output current
−±10
mA
IDD
positive supply current
−±50
mA
ISS
negative supply current
−±50
mA
Ptot
total power dissipation per package
300
mW
PO
power dissipation per output
50
mW
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Fig.9 Master reads slave immediately after first byte (READ mode).
andbook, full pagewidth
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
word address
MBD824
auto increment
word address
n bytes
last bytes
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com