Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2013Z Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP2013Z
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP2013Z Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP2013Z Datasheet HTML 1Page - Zetex Semiconductors ZXTP2013Z Datasheet HTML 2Page - Zetex Semiconductors ZXTP2013Z Datasheet HTML 3Page - Zetex Semiconductors ZXTP2013Z Datasheet HTML 4Page - Zetex Semiconductors ZXTP2013Z Datasheet HTML 5Page - Zetex Semiconductors ZXTP2013Z Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
BVCEO = -100V : RSAT = 57m ; IC = -3.5A
DESCRIPTION
Packaged in the SOT89 outline this new low saturation 100V PNP transistor
offers low on state losses making it ideal for use in DC-DC circuits, line
switching and various driving and power management functions.
FEATURES
• 3.5 amps continuous current
• Up to 10 amps peak current
• Very low saturation voltages
APPLICATIONS
• Motor driving
• Line switching
• High side switches
• Subscriber line interface cards (SLIC)
DEVICE MARKING
953
ZXTP2013Z
ISSUE 1 - JUNE 2005
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
1
SOT89
PINOUT
VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER
REEL
ZXTP2013ZTA
7"
12mm
embossed
1,000 units
ORDERING INFORMATION


Similar Part No. - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2013ZTA DIODES-ZXTP2013ZTA Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results

Similar Description - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com