Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8575 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8575
Description  Remote 16-bit I/O expander for I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8575 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8575 Datasheet HTML 7Page - NXP Semiconductors PCF8575 Datasheet HTML 8Page - NXP Semiconductors PCF8575 Datasheet HTML 9Page - NXP Semiconductors PCF8575 Datasheet HTML 10Page - NXP Semiconductors PCF8575 Datasheet HTML 11Page - NXP Semiconductors PCF8575 Datasheet HTML 12Page - NXP Semiconductors PCF8575 Datasheet HTML 13Page - NXP Semiconductors PCF8575 Datasheet HTML 14Page - NXP Semiconductors PCF8575 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Apr 07
11
Philips Semiconductors
Product specification
Remote 16-bit I/O expander for I2C-bus
PCF8575
7.3
Reading from a port (input mode)
All ports programmed as input should be set to logic 1.
To read, the master (microcontroller) first addresses the
slave device after it receives the interrupt. By setting the
last bit of the byte containing the slave address to logic 1
the read mode is entered. The data bytes that follow on the
SDA are the values on the ports.
If the data on the input port changes faster than the master
can read, this data may be lost.
7.4
Writing to the port (output mode)
To write, the master (microcontroller) first addresses the
slave device. By setting the last bit of the byte containing
the slave address to logic 0 the write mode is entered.
The PCF8575 acknowledges and the master sends the
first data byte for P07 to P00. After the first data byte is
acknowledged by the PCF8575, the second data byte
P17 to P10 is sent by the master. Once again the
PCF8575 acknowledges the receipt of the data after which
this 16-bit data is presented on the port lines.
The number of data bytes that can be sent successively is
not limited. After every two bytes the previous data is
overwritten.
The first data byte in every pair refers to Port 0
(P07 to P00), whereas the second data byte in every pair
refers to Port 1 (P17 to P10), see Fig.11.
7.5
Interrupt
The PCF8575 provides an open-drain interrupt (INT)
which can be fed to a corresponding input of the
microcontroller (see Figs 9, 10 and 12). This gives these
chips a kind of a master function which can initiate an
action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the
port inputs. After time tiv the signal INT is valid.
The interrupt disappears when data on the port is changed
to the original setting or data is read from or written to the
device which has generated the interrupt.
In the write mode the interrupt may become deactivated
(HIGH) on the rising edge of the write to port pulse. On the
falling edge of the write to port pulse the interrupt is
definitely deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge
of the read from port pulse.
During the resetting of the interrupt itself any changes on
the I/Os may not generate an interrupt. After the interrupt
is reset any change in I/Os will be detected and transmitted
as an INT.
Fig.11 Correlation between bits and ports.
handbook, full pagewidth
MGL545
07
06
05
04
03
02
01
00
P07 P06 P05 P04 P03 P02 P01 P00
A
First Byte
17
16
15
14
13
12
11
10
P17 P16 P15 P14 P13 P12 P11 P10
A
Second Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com