Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT60D40B Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT60D40B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60D40B Datasheet(HTML) 3 Page - Advanced Power Technology

  APT60D40B Datasheet HTML 1Page - Advanced Power Technology APT60D40B Datasheet HTML 2Page - Advanced Power Technology APT60D40B Datasheet HTML 3Page - Advanced Power Technology APT60D40B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT60D40B(G)_S(G)
TYPICAL PERFORMANCE CURVES
TJ = 125°C
VR = 266V
30A
60A
120A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
140
120
100
80
60
40
20
0
30
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
180
160
140
120
100
80
60
40
20
0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
800
700
600
500
400
300
200
100
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
180
160
140
120
100
80
60
40
20
0
1400
1200
1000
800
600
400
200
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
0
0.5
1
1.5
2
0
200
400
600
800
1000
0
200
400
600
800
1000
0
200
400
600
800
1000
T
J = 150°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
TJ = 125°C
VR = 266V
120A
60A
30A
TJ = 125°C
VR = 266V
120A
30A
60A
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com