| Electronic Components Datasheet Search |
|
APT60M60JLL Datasheet(PDF) 2 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT60M60JLL Datasheet(HTML) 2 Page - Advanced Power Technology |
|
2 / 5 page ![]() DYNAMIC CHARACTERISTICS APT60M60JLL 1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 4 Starting Tj = +25°C, L = 1.47mH, RG = 25Ω, Peak IL = 70A 5 dv /dt numbers reflect the limitations of the test circuit rather than the device itself. I S ≤ -70A di/dt ≤ 700A/µs V R ≤ 600V T J ≤ 150 °C 6 Eon includes diode reverse recovery. See figures 18, 20. APT Reserves the right to change, without notice, the specifications and information contained herein. Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current 1 (Body Diode) Diode Forward Voltage 2 (V GS = 0V, I S = -70A) Reverse Recovery Time (I S = -70A, dl S /dt = 100A/µs) Reverse Recovery Charge (I S = -70A, dl S /dt = 100A/µs) Peak Diode Recovery dv/dt 5 UNIT Amps Volts ns µC V/ns MIN TYP MAX 70 280 1.3 950 33.0 8 Symbol RθJC RθJA MIN TYP MAX 0.18 40 UNIT °C/W Characteristic Junction to Case Junction to Ambient Symbol I S I SM V SD t rr Q rr dv/ dt Symbol C iss C oss C rss Q g Q gs Q gd t d(on) t r t d(off) t f E on E off E on E off Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge 3 Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy 6 Turn-off Switching Energy Turn-on Switching Energy 6 Turn-off Switching Energy Test Conditions V GS = 0V V DS = 25V f = 1 MHz V GS = 10V V DD = 300V I D = 70A @ 25°C RESISTIVE SWITCHING V GS = 15V V DD = 300V I D = 70A @ 25°C R G = 0.6 Ω INDUCTIVE SWITCHING @ 25°C V DD = 400V, V GS = 15V I D = 70A, R G = 5 Ω INDUCTIVE SWITCHING @ 125°C V DD = 400V, V GS = 15V I D = 70A, R G = 5 Ω MIN TYP MAX 12630 2202 157 289 74 146 21 16 51 12 1428 1386 2058 1691 UNIT pF nC ns µJ SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS THERMAL CHARACTERISTICS Note: Duty Factor D = t1/t 2 Peak TJ = PDM x ZθJC + TC t1 t2 SINGLE PULSE 10-5 10-4 10-3 10-2 10-1 1.0 10 RECTANGULARPULSEDURATION(SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION 0.20 0.16 0.12 0.08 0.04 0 0.5 0.1 0.3 0.7 0.9 0.05 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |