Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R13-F Datasheet(PDF) 1 Page - DANFOSS POWER SOLUTIONS

Part # R13-F
Description  Remote Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

R13-F Datasheet(HTML) 1 Page - DANFOSS POWER SOLUTIONS

  R13-F Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS R13-F Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The R13 F receiver is highly customizable with many
features and mounting kits to ensure reliable and safe
operation in potentially dangerous applications.
Features
• Available for 400-900 MHz and 2.4 GHz
Frequency Bands
• External display for troubleshooting
• Highly field-customizable
• External removable EEPROM SIM
module
• STOP (400-900Mhz): PLd, Category 3
• STOP (2.4GHz): PLe, Category 4
Benefits
• Easy and fast maintenance
• Multi-feedback capability
• Frequency management against
interferences
• Suitable for all common proportional
valves
Applications
• Industrial lifting and automation
• Construction and mining vehicles
• Cranes
Comprehensive technical literature is
online at www.danfoss.com
Data Sheet
Remote Control
R13 F Receiver
© Danfoss | January 2022
AI299272869169en-000301 | 1


Similar Part No. - R13-F

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
R13-112 MULTICOMP-R13-112 Datasheet
133Kb / 1P
Switch Cover
05/10/20 V1.0
R13-112BT MULTICOMP-R13-112BT Datasheet
133Kb / 1P
Switch Cover
05/10/20 V1.0
R13-24A-05-BB MULTICOMP-R13-24A-05-BB Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
R13-24A-05-BR MULTICOMP-R13-24A-05-BR Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
R13-24AL-05-BB MULTICOMP-R13-24AL-05-BB Datasheet
169Kb / 2P
Pushbutton Switches
16/05/20 V1.0
More results

Similar Description - R13-F

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
Remote Control Encoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
Remote Control Decoder?
logo
Samsung semiconductor
SV-120B SAMSUNG-SV-120B Datasheet
1Mb / 12P
Remote-Control
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
REMOTE CONTROL ENCODER
logo
Silicon Laboratories
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
Remote control
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
Remote control
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
Remote control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com