Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576CU Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8576CU
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576CU Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8576CU Datasheet HTML 33Page - NXP Semiconductors PCF8576CU Datasheet HTML 34Page - NXP Semiconductors PCF8576CU Datasheet HTML 35Page - NXP Semiconductors PCF8576CU Datasheet HTML 36Page - NXP Semiconductors PCF8576CU Datasheet HTML 37Page - NXP Semiconductors PCF8576CU Datasheet HTML 38Page - NXP Semiconductors PCF8576CU Datasheet HTML 39Page - NXP Semiconductors PCF8576CU Datasheet HTML 40Page - NXP Semiconductors PCF8576CU Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
1998 Jul 30
37
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
14 PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
0.3
0.1
3.0
2.8
0.25
0.42
0.30
0.22
0.14
21.65
21.35
11.1
11.0
0.75
15.8
15.2
1.45
1.30
0.90
0.55
7
0
o
o
0.1
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
1.6
1.4
SOT190-1
96-04-02
97-08-11
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
y
56
29
28
1
pin 1 index
0.012
0.004
0.12
0.11
0.017
0.012
0.0087
0.0055
0.85
0.84
0.44
0.43
0.0295
2.25
0.089
0.62
0.60
0.057
0.051
0.035
0.022
0.004
0.2
0.008
0.004
0.063
0.055
0.01
0
5
10 mm
scale
VSO56: plastic very small outline package; 56 leads
SOT190-1
A
max.
3.3
0.13
Note
1. Plastic or metal protrusions of 0.3 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com