Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6433B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6433B
Description  Flasher, 18-m Shunt, Frequency Doubling Disabling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6433B Datasheet(HTML) 2 Page - ATMEL Corporation

  U6433B_05 Datasheet HTML 1Page - ATMEL Corporation U6433B_05 Datasheet HTML 2Page - ATMEL Corporation U6433B_05 Datasheet HTML 3Page - ATMEL Corporation U6433B_05 Datasheet HTML 4Page - ATMEL Corporation U6433B_05 Datasheet HTML 5Page - ATMEL Corporation U6433B_05 Datasheet HTML 6Page - ATMEL Corporation U6433B_05 Datasheet HTML 7Page - ATMEL Corporation U6433B_05 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
4810B–AUTO–10/05
U6433B
Figure 1-1.
Block Diagram
V
S - 49 mV
G
2
+
-
+
-
+
-
G
5
D
1
2
V
S
81
7
3
23 V
470
Ω
R
4
6
4
5
4.7 µF
R
1
82 k
Ω
V
S - 4 V
C
1
V
S
49 a
Shunt
R
3
18 m
Ω
R2
1.5 k
Ω
P
L >1 W
K
1
K
4
V
S - 8 mV
V
S - 6 V
V
S - 8 V
G
4
K
5
K
3
K
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com