Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMPT104F Datasheet(PDF) 1 Page - Qingxian Zeming Langxi Electronic Devices

Part # ZMPT104F
Description  Current-type voltage transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-TRANSFORMER [Qingxian Zeming Langxi Electronic Devices]
Direct Link  https://www.micro-transformer.com
Logo MICRO-TRANSFORMER - Qingxian Zeming Langxi Electronic Devices

ZMPT104F Datasheet(HTML) 1 Page - Qingxian Zeming Langxi Electronic Devices

  ZMPT104F Datasheet HTML 1Page - Qingxian Zeming Langxi Electronic Devices ZMPT104F Datasheet HTML 2Page - Qingxian Zeming Langxi Electronic Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Qingxian Zeming Langxi Electronic Devices Co., Ltd
www.micro-transformer.com
Tel: 86-25-52601870
Fax: 86-25-52633420
E-mail:zm@zeming-e.com
ZMPT104F
Current-type voltage transformer
Small size,high accuracy,good consistency,for voltage and power measurement
Structural parameters:
“*”Same polarity
same color same polarity
Front view
Bottom view
The main technical parameters:
Model
ZMPT104F
Rated input current
2mA
Rated output current
2mA
turns ratio
1000:1000
phase angle error
≤45'(input 2mA,sampling resistor 50Ω)
linear range
0~1000V
0~6mA(sampling resistor 50Ω)
linearity
≤0.2%(20%dot~120%dot)
Permissible error
-0.6%≤f≤0%(input 2mA,sampling resistor 50Ω)
isolation voltage
3000V
application
voltage and power measurement
Encapsulation
Epoxy
installation
Output leads installation (conventional lead length shown in drawing)
operating temperature
-40℃~+85℃


Similar Part No. - ZMPT104F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Qingxian Zeming Langxi ...
ZMPT101B MICRO-TRANSFORMER-ZMPT101B Datasheet
133Kb / 2P
Current-type Voltage Transformer
ZMPT101C MICRO-TRANSFORMER-ZMPT101C Datasheet
146Kb / 2P
Current-type Voltage Transformer
ZMPT101K MICRO-TRANSFORMER-ZMPT101K Datasheet
150Kb / 2P
Current-type Voltage Transformer
ZMPT101L MICRO-TRANSFORMER-ZMPT101L Datasheet
144Kb / 2P
Current-type Voltage Transformer
More results

Similar Description - ZMPT104F

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TAV14 YHDC-TAV14 Datasheet
1Mb / 1P
Mini current type voltage transformer
TV16 YHDC-TV16 Datasheet
3Mb / 1P
Mini current type voltage transformer
TV16B YHDC-TV16B Datasheet
3Mb / 1P
Mini current type voltage transformer
TV16E YHDC-TV16E Datasheet
896Kb / 1P
Mini current type voltage transformer
TV19 YHDC-TV19 Datasheet
1Mb / 1P
Mini current type voltage transformer
TV19E YHDC-TV19E Datasheet
1Mb / 1P
Mini current type voltage transformer
TV19G YHDC-TV19G Datasheet
1Mb / 1P
Mini current type voltage transformer
TA8431L YHDC-TA8431L Datasheet
1Mb / 1P
Suspended type current transformer
TA8432L YHDC-TA8432L Datasheet
2Mb / 1P
Suspended type current transformer
TV2006E YHDC-TV2006E Datasheet
2Mb / 1P
Mini current type voltage transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com