Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4792 Datasheet(PDF) 1 Page - Heyco.

Part # M4792
Description  Tite Liquid Tight Cordgrips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

M4792 Datasheet(HTML) 1 Page - Heyco.

  M4792 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
Quick
Specs
3-6
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco
®-Tite Liquid Tight Cordgrips
Pigtail™, PG* Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
Material
Nylon 6/6 w/Buna N or TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E51579 (Standard Thread Only)
Recognized under Components Program of Underwriters’ Laboratories
File E51579 (Standard Thread Only)
Certified by Canadian Standard Association File 93876C (Standard Thread Only)
Approved for NEMA 4, 4X, 6 and 6P Applications
Flammability Rating
94V-2
Temperature Range
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68 (70 PSI, 5 BAR)
• Flexible Pigtail extender prevents sharp
bends and extends cable life.
• Integral Sealing Ring ensures a
superior seal at the clearance or
threaded mounting hole location,
every time.
• Widest range of approved cable
diameters.
• IP 68 rated.
• Approved for NEMA 4, 4X, 6 and 6P
applications.
• Ratchet design of sealing nut
assembly provides superior anti-
vibration protection and ensures
a firm grip on the cable.
• Acme threads on body prevent
skipping and speed installation.
• All nylon construction with Buna N or
TPE sealing gland resists salt water,
weak acids, gasoline, alcohol, oil,
grease, and common solvents.
(This feature is not assessed by UL.)
• Multiple sizes for flexible cord
diameters ranging from .065˝ (1,7 mm)
to .705˝ (17,9 mm).
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Unassembled Nylon Locknuts
INCLUDED.
• For Heyco Liquid Tight Threaded Plugs,
see page 3-51.
• Consult Heyco for cordgrips molded
in other colors.
D***
C
B
E
SEALING NUT WITH
FLEX-PROTECTOR EXTENDER
INTEGRAL SEALING RING
SUGGESTED
CLEARANCE HOLE
FOR NONTHREADED
MOUNTING
A
CABLE DIA. RANGE
PART NO.
DESCRIPTION
PART DIMENSIONS
Including
AB
C
E
Minimum
Maximum
Nylon Nut**
No Nut
or
Clearance
Max. O.A.
Thread
Wrenching
Black
Black
Hole Dia.
Length
Length
Nut Flats
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.065
1,7
.210
5,3
M3464
M4780
Flex RLTCG 7
.492 12,5 2.44
62,0 .32
8,1
.63
16,0
.115
2,9
.250
6,4
M3237
M4778
Flex LTCG 7
.065
1,7
.230
5,8
M3466
M4784
Flex RLTCG 9
.599 15,2 2.77
70,4 .32
8,1
.82
20,8
.105
2,7
.315
8,0
M3240
M4782
Flex LTCG 9
.069
1,8
.250
6,6
M3468
M4788
Flex RLTCG 11
.733 18,6 3.46
87,9 .38
9,7
.94
23,9
.230
5,8
.395
10,0
M3243
M4786
Flex LTCG 11
.095
2,4
.290
7,4
M4526
M4530
Flex RLTCG 13.5
.804 20,4 3.89
98,8 .41
10,4
.98
24,9
.170
4,3
.450
11,4
M3246
M4790
Flex LTCG 13.5
.180
4,6
.400
10,2
M4528
M4532
Flex RLTCG 16
.886 22,5 4.37 111,0 .44
11,2 1.06
26,9
.260
6,6
.545
13,8
M3249
M4792
Flex LTCG 16
.250
6,4
.490
12,4
M3478ST
-
Flex RLTCG 21 ST
1.115 28,3 4.95 125,7 .43
10,9 1.30
33,0
.435
11,1
.705
17,9
M3245ST
-
Flex LTCG 21 ST
.250
6,4
.490
12,4
M3478
M4796
Flex RLTCG 21
1.115 28,3 5.04 128,0 .52
13,2 1.30
33,0
.435
11,1
.705
17,9
M3245
M4794
Flex LTCG 21
Standard color black.
*Steel conduit threads per DIN 40430, see page 3-57.
**Nylon locknuts shipped unassembled
.43˝ (10,9 mm) Shorty LTCG Thread Length.
For No Nut Part Nos. in gray color please visit our Cordgrip product section at heyco.com
***Consult Heyco for Wrenching Nut Thickness “D”
NO O-RING
REQUIRED!
–


Similar Part No. - M4792

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M4700 ENERCON-M4700 Datasheet
985Kb / 14P
M4700 SERIES AC/DC POWER SUPPLY
Jan 31, 2024
logo
Alpha Wire
M4700 ALPHAWIRE-M4700 Datasheet
410Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Enercon Technologies Eu...
M4701 ENERCON-M4701 Datasheet
948Kb / 14P
M4701 SERIES AC/DC POWER SUPPLY
September 6, 2021
logo
Alpha Wire
M4702 ALPHAWIRE-M4702 Datasheet
410Kb / 4P
18 (16/30) AWG Tinned Copper
logo
Enercon Technologies Eu...
M4703 ENERCON-M4703 Datasheet
833Kb / 15P
M4703 SERIES DC/DC POWER SUPPLY
Sep 14, 2023
More results

Similar Description - M4792

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3231 ETC-M3231 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
M5062 ETC-M5062 Datasheet
152Kb / 1P
Heyco짰-Tite Aluminum Liquid Tight Cordgrips
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com