Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC440 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXSC440 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440 Datasheet HTML 9Page - Zetex Semiconductors ZXSC440 Datasheet HTML 10Page - Zetex Semiconductors ZXSC440 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Transformer parameters
Proprietary transformers are available, for example the
Pulse PAO367, Primary inductance: 24uH, Core: Pulse
PAO367, Turns ratio: 1:12, see Bill of Materials below. If
designing a transformer, bear in mind that the primary
current may be over an amp and, if this flows through
10 turns, the primary flux will be 10 Amp. Turns and
small cores will need an air gap to cope with this value
without saturation.
Secondary winding capacitance
should not be too high as this is working at 300V and
could soon cause excessive losses.
ZXSC440
SEMICO NDUC TORS
ISSUE 1 - JANUARY 2005
7
Part No.
Size
(WxLxH) mm
LPRI
( H)
LPRI -LEAK
(nH)
NRPRI
(m )
RSEC
( )
Manufacturer
T-15-089
6.4x7.7x4
12
400
10:2
211
27
Tokyo Coil Eng.
www.tokyo-coil.co.jp
T-15-083
8x8.9x2
20
500
10:2
675
35
SBL-5.6-1
5.6x8.5x4
10
200
10:2
103
26
Kijima Musen
Kijimahk@netvigator.com
PAO367
9.1x9.1x5.1
24
12:1
Pulse
www.pulseeng.com
ZXSC440 Transformer specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com