Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C01A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24C01A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24C01A Datasheet HTML 1Page - ATMEL Corporation AT24C01A Datasheet HTML 2Page - ATMEL Corporation AT24C01A Datasheet HTML 3Page - ATMEL Corporation AT24C01A Datasheet HTML 4Page - ATMEL Corporation AT24C01A Datasheet HTML 5Page - ATMEL Corporation AT24C01A Datasheet HTML 6Page - ATMEL Corporation AT24C01A Datasheet HTML 7Page - ATMEL Corporation AT24C01A Datasheet HTML 8Page - ATMEL Corporation AT24C01A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT24C01A/02/04/08A/16A
5092C–SEEPR–2/07
Note:
1. This parameter is characterized and is not 100% tested (TA = 25°C).
2. This parameter is characterized.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see to
Figure 4 on page 7). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
which must precede any other command (see to Figure 5 on page 7).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 5 on page 7).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from
the EEPROM in 8-bit words. The EEPROM sends a “0” to acknowledge that it has
received each word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C01A/02/04/08A/16A features a low-power standby mode
which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the
completion of any internal operations.
Table 5. AC Characteristics
Applicable over recommended operating range from TA = −40°C to +125°C, VCC = +2.7V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
AT24C01A/02/04/08A/16A
Units
Min
Max
fSCL
Clock Frequency, SCL
400
kHz
tLOW
Clock Pulse Width Low
1.2
µs
tHIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time(1)
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before
a new transmission can start(2)
1.2
µs
tHD.STA
Start Hold Time
0.6
µs
tSU.STA
Start Set-up Time
0.6
µs
tHD.DAT
Data In Hold Time
0
µs
tSU.DAT
Data In Set-up Time
100
ns
tR
Inputs Rise Time(2)
300
ns
tF
Inputs Fall Time(2)
300
ns
tSU.STO
Stop Set-up Time
0.6
µs
tDH
Data Out Hold Time
50
ns
tWR
Write Cycle Time
5
ms
Endurance(2)
5.0V, 25
°C, Page Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com