Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8593P Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8593P Datasheet HTML 17Page - NXP Semiconductors PCF8593P Datasheet HTML 18Page - NXP Semiconductors PCF8593P Datasheet HTML 19Page - NXP Semiconductors PCF8593P Datasheet HTML 20Page - NXP Semiconductors PCF8593P Datasheet HTML 21Page - NXP Semiconductors PCF8593P Datasheet HTML 22Page - NXP Semiconductors PCF8593P Datasheet HTML 23Page - NXP Semiconductors PCF8593P Datasheet HTML 24Page - NXP Semiconductors PCF8593P Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Mar 25
21
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
13 AC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS = 0 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. Event counter mode only.
2. All timing values are valid within the operating supply voltage and ambient temperature range and reference to VIL
and VIH with an input voltage swing of VSS to VDD.
3. A detailed description of the I2C-bus specification, with applications, is given in brochure
“The I2C-bus and how to
use it”. This brochure may be ordered using the code 9398 393 40011.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Oscillator
Cosc
integrated oscillator
capacitance
20
25
30
pF
∆f
osc
oscillator stability
for
∆VDD = 100 mV;
Tamb =25 °C; VDD = 1.5 V
2
× 10−7
fi
input frequency
note 1
−−
1
MHz
Quartz crystal parameters (f = 32.768 kHz)
Rs
series resistance
−−
40
k
CL
parallel load capacitance
10
pF
CT
trimmer capacitance
5
25
pF
I2C-bus timing (see Fig.22; notes 2 and 3)
fSCL
SCL clock frequency
−−
100
kHz
tSP
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
START condition set-up time
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tVD;DAT
SCL LOW to data out valid
−−
3.4
µs
tSU;STO
STOP condition set-up time
4.0
−−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com