Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25FS010 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25FS010
Description  High Speed Small Sectored SPI Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25FS010 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25FS010 Datasheet HTML 1Page - ATMEL Corporation AT25FS010 Datasheet HTML 2Page - ATMEL Corporation AT25FS010 Datasheet HTML 3Page - ATMEL Corporation AT25FS010 Datasheet HTML 4Page - ATMEL Corporation AT25FS010 Datasheet HTML 5Page - ATMEL Corporation AT25FS010 Datasheet HTML 6Page - ATMEL Corporation AT25FS010 Datasheet HTML 7Page - ATMEL Corporation AT25FS010 Datasheet HTML 8Page - ATMEL Corporation AT25FS010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
AT25FS010
5167B–SFLSH–1/07
Serial Interface
Description
MASTER: The device that generates the serial clock.
SLAVE: Because the Serial Clock pin (SCK) is always an input, the AT25FS010 always
operates as a slave.
TRANSMITTER/RECEIVER: The AT25FS010 has separate pins designated for data
transmission (SO) and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be
received. This byte contains the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the
AT25FS010, and the serial output pin (SO) will remain in a high impedance state until
the falling edge of CS is detected again. This will reinitialize the serial communication.
CHIP SELECT: The AT25FS010 is selected when the CS pin is low. When the device is
not selected, data will not be accepted via the SI pin, and the serial output pin (SO) will
remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25FS010.
When the device is selected and a serial sequence is underway, HOLD can be used to
pause the serial communication with the master device without resetting the serial
sequence. To pause, the HOLD pin must be brought low while the SCK pin is low. To
resume serial communication, the HOLD pin is brought high while the SCK pin is low
(SCK may still toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin
is in the high impedance state.
WRITE PROTECT: The AT25FS010 has a write lockout feature that can be activated by
asserting the write protect pin (WP). When the lockout feature is activated, locked-out
sectors will be READ only. The write protect pin will allow normal read/write operations
when held high. When the WP is brought low and WPEN bit is “1”, all write operations to
the status register are inhibited. WP going low while CS is still low will interrupt a write to
the status register. If the internal status register write cycle has already been initiated,
WP going low will have no effect on any write operation to the status register. The WP
pin function is blocked when the WPEN bit in the status register is “0”. This will allow the
user to install the AT25FS010 in a system with the WP pin tied to ground and still be
able to write to the status register. All WP pin functions are enabled when the WPEN bit
is set to “1”.
Operating Features
Recommended Power-up When the power supply is turned on, V
cc rises monotonically from ground to the full
operating Vcc. During this time, the Chip Select (CS) signal is not allowed to float and
must follow Vcc. For this reason, it is recommended to use a suitable pull-up resistor
connected between CS and Vcc. The device is ready for communication once a stable
Vcc is reached within the specified operating voltage range.
Recommended Power-
down
The device must be deselected and in Standby and Write Disabled mode prior to Vcc
power down sequence. This means there should be no write operation/internal Write
cycle or read operation in progress during the Chip Select (CS) line must be allowed to
follow Vcc during power down. After power down, it is recommended Vcc should be held
at ground level for at least 0.5 seconds before power up again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com