Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB1287 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90USB1287
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  435 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB1287 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90USB1287 Datasheet HTML 35Page - ATMEL Corporation AT90USB1287 Datasheet HTML 36Page - ATMEL Corporation AT90USB1287 Datasheet HTML 37Page - ATMEL Corporation AT90USB1287 Datasheet HTML 38Page - ATMEL Corporation AT90USB1287 Datasheet HTML 39Page - ATMEL Corporation AT90USB1287 Datasheet HTML 40Page - ATMEL Corporation AT90USB1287 Datasheet HTML 41Page - ATMEL Corporation AT90USB1287 Datasheet HTML 42Page - ATMEL Corporation AT90USB1287 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 435 page
background image
39
7593D–AVR–07/06
AT90USB64/128
6.
System Clock and Clock Options
6.1
Clock Systems and their Distribution
Figure 6-1 presents the principal clock systems in the AVR and their distribution. All of the clocks
need not be active at a given time. In order to reduce power consumption, the clocks to modules
not being used can be halted by using different sleep modes, as described in “Power Manage-
ment and Sleep Modes” on page 53. The clock systems are detailed below.
Figure 6-1.
Clock Distribution
6.1.1
CPU Clock – clk
CPU
The CPU clock is routed to parts of the system concerned with operation of the AVR core.
Examples of such modules are the General Purpose Register File, the Status Register and the
data memory holding the Stack Pointer. Halting the CPU clock inhibits the core from performing
general operations and calculations.
6.1.2
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules, like Timer/Counters, SPI, and USART.
The I/O clock is also used by the External Interrupt module, but note that some external inter-
rupts are detected by asynchronous logic, allowing such interrupts to be detected even if the I/O
clock is halted. Also note that start condition detection in the USI module is carried out asynchro-
nously when clk
I/O is halted, TWI address recognition in all sleep modes.
6.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simul-
taneously with the CPU clock.
General I/O
Modules
Asynchronous
Timer/Counter
CPU Core
RAM
clk
I/O
clk
ASY
AVR Clock
Control Unit
clk
CPU
Flash and
EEPROM
clk
FLASH
Source clock
Watchdog Timer
Reset Logic
Clock
Multiplexer
Watchdog clock
Calibrated RC
Oscillator
Timer/Counter
Oscillator
Crystal
Oscillator
External Clock
ADC
clk
ADC
System Clock
Prescaler
Watchdog
Oscillator
USB
clk
USB (48MHz)
PLL Clock
Prescaler
clk
Pllin (2MHz)
USB PLL
X24
clk
XTAL (2-16 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com