Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8812U Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8812U
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8812U Datasheet HTML 28Page - NXP Semiconductors PCF8812U Datasheet HTML 29Page - NXP Semiconductors PCF8812U Datasheet HTML 30Page - NXP Semiconductors PCF8812U Datasheet HTML 31Page - NXP Semiconductors PCF8812U Datasheet HTML 32Page - NXP Semiconductors PCF8812U Datasheet HTML 33Page - NXP Semiconductors PCF8812U Datasheet HTML 34Page - NXP Semiconductors PCF8812U Datasheet HTML 35Page - NXP Semiconductors PCF8812U Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
2000 Nov 22
34
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
22 TRAY INFORMATION
handbook, full pagewidth
,,,,,,,
,,,,,,,
MGT651
D
F
E
x
y
A
G
H
1,1
x,1
2,1
1,2
1,3
1,y
x,y
2,2
3,1
C
B
K
L
M
J
A
A
SECTION A-A
Fig.22 Tray details.
Table 10 Tray dimensions
handbook, halfpage
MGT652
Fig.23 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of
the IC type name on the die surface with respect to the chamfer on
the upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
DIMENSION
DESCRIPTION
VALUE
A
pocket pitch; x direction
13.77 mm
B
pocket pitch; y direction
4.37 mm
C
pocket width; x direction
11.04 mm
D
pocket width; y direction
2.24 mm
E
tray width; x direction
50.8 mm
F
tray width; y direction
50.8 mm
G
distance from cut corner
to pocket (1 and 1) centre
11.68 mm
H
distance from cut corner
to pocket (1 and 1) centre
5.74 mm
J
tray thickness
3.96 mm
K
tray cross section
1.78 mm
L
tray cross section
2.49 mm
M
pocket depth
0.89 mm
x
no. pockets in x direction
3
y
no. pockets in y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com