Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2001
Description  14.318-150 MHz I2C 1:18 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2001 Datasheet HTML 1Page - NXP Semiconductors PCK2001 Datasheet HTML 2Page - NXP Semiconductors PCK2001 Datasheet HTML 3Page - NXP Semiconductors PCK2001 Datasheet HTML 4Page - NXP Semiconductors PCK2001 Datasheet HTML 5Page - NXP Semiconductors PCK2001 Datasheet HTML 6Page - NXP Semiconductors PCK2001 Datasheet HTML 7Page - NXP Semiconductors PCK2001 Datasheet HTML 8Page - NXP Semiconductors PCK2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001
14.318–150 MHz I2C 1:18 Clock Buffer
2
1999 Jul 06
853-2072 21924
FEATURES
HIGH speed, LOW noise non-inverting 1–18 buffer
Typically used to support four SDRAM DIMMs
Multiple V
DD, VSS pins for noise reduction
3.3V operation
Separate 3-State pin for testing
ESD protection exceeds 2000V per Standard 801.2
Optimized for 66MHz, 100MHz and 133MHz operation
175 ps skew outputs
Available in 48-pin SSOP package
See PCK2001M for mobile (reduced pincount) 28-pin 1-10 buffer
version
Individual clock output enable/disable via I2C
DESCRIPTION
The PCK2001 is a 1–18 fanout buffer used for 133/100 MHz CPU,
66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM
clock distribution. 18 outputs are typically used to support up to 4
SDRAM DIMMS commonly found in desktop, workstation or server
applications.
All clock outputs meet Intel’s drive, rise/fall time, accuracy, and skew
requirements. An I2C interface is included to allow each output to be
enabled/disabled individually. An output disabled via the I2C
interface will be held in the LOW state. In addition, there is an OE
input which 3-States all outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
BUF_IN to BUF_OUTn
VCC = 3.3V, CL = 30pF
2.5
2.5
ns
tr
Rise time
VCC = 3.3V, CL = 30pF
1.0
ns
tf
Fall time
VCC = 3.3V, CL = 20pF
700
ps
ICC
Total supply current
VCC = 3.465V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
48-Pin Plastic SSOP
0
°C to +70°C
PCK2001 DL
SOT370-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
RESERVED
RESERVED
VDD0
BUF_OUT0
BUF_OUT1
VSS0
VDD1
BUF_OUT3
BUF_OUT2
VSS1
BUF_IN
VDD2
BUF_OUT4
BUF_OUT5
VSS2
VDD3
BUF_OUT6
BUF_OUT7
VSS3
VDD4
BUF_OUT16
VSS4
VDDI2C
SDA
RESERVED
RESERVED
VDD9
BUF_OUT15
BUF_OUT14
VSS9
VDD8
BUF_OUT13
BUF_OUT12
VSS8
OE
VDD7
BUF_OUT11
BUF_OUT10
VSS7
VDD6
BUF_OUT9
BUF_OUT8
VSS6
VDD5
BUF_OUT17
VSS5
VSSI2C
SCL
SW00248
I2C is a trademark of Philips Semiconductors Corporation.
PIN DESCRIPTION
PIN
NUMBER
I/O
TYPE
SYMBOL
FUNCTION
4, 5, 8, 9
Output
BUF_OUT (0–3)
Buffered clock outputs
13, 14, 17,
18
Output
BUF_OUT (4–7)
Buffered clock outputs
31, 32, 35,
36
Output
BUF_OUT
(8–11)
Buffered clock outputs
40, 41, 44,
45
Output
BUF_OUT
(12–15)
Buffered clock outputs
21, 28
Output
BUF_OUT
(16–17)
Buffered clock outputs
11
Input
BUF_IN
Buffered clock input
38
Input
OE
Active high output
enable
24
I/O
SDA
I2C serial data
25
Input
SCL
I2C serial clock
3, 7, 12, 16,
20, 29, 33,
37, 42, 46
Input
VDD (0–9)
3.3V Power supply
6, 10, 15,
19, 22,
27, 30, 34,
39, 43
Input
VSS (0–9)
Ground
23
Input
VDDI2C
3.3V I2C Power
supply
26
Input
VSSI2C
I2C Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com