Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS-PTP Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # PTS-PTP
Description  3.6Ø x 10 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

PTS-PTP Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  PTS-PTP Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44 |
Subminiature Fuse
Agency Approvals
Agency
Ampere Rating
UL Listed
100mA - 5A
CSA Certified
100mA - 5A
Electrical Characteristics
Ampere
Rating
Opening Time
1 ln
2 ln
MIN
MAX
100mA to 5A
4 hr
60 sec
Packaging
Packaging Option
Quantity
Bulk
500 pcs / box
On Axial Tape & Reel
1,500 pcs / box
Interrupting Rating
50 amperes at 250V AC
Product Characteristics
Operating Temperature -55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Nickel Plated Brass
Leads Wire
Ø0.6 mm 5A and less.
Ø0.8 mm for rating above 6A to 7A.
Ø1.0 mm for rating above 8A.
Option
* With Heat Shrink Tubing (VM-1)
over body
* PTP Series Available on Tape & reel
Agency Approvals
Agency
Ampere Rating
UL Listed
100mA - 5A
Electrical Characteristics
Ampere
Rating
Opening Time
1 ln
2 ln
MIN
MAX
100mA to 5A
4 hr
60 sec
Packaging
Packaging Option
Quantity
Bulk
5,000 pcs / box
Interrupting Rating
50 amperes at 250V AC
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic /
Caps: Nickel Plated Brass
Mechanical Dimensions (mm)
10.5±0.75
Mechanical Dimensions (mm)
11.0±0.75
30.0±2.0
PTS
3.6Ø x 10 mm
Time-Lag Fuse
PTP
3.6Ø x 10 mm
Time-Lag Fuse
PTS
PTP


Similar Part No. - PTS-PTP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTS-0603 VISHAY-PTS-0603 Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS-0603 VISHAY-PTS-0603 Datasheet
110Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS-0805 VISHAY-PTS-0805 Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS-0805 VISHAY-PTS-0805 Datasheet
110Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS-1206 VISHAY-PTS-1206 Datasheet
108Kb / 5P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
More results

Similar Description - PTS-PTP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
Schurter Inc.
PSC125V SCHURTER-PSC125V Datasheet
261Kb / 2P
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
logo
GREATECS
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
I606 ILSI-I606 Datasheet
50Kb / 2P
10 mm x 14 mm, FR-4 SMD VCXO, LVPECL / LVDS
logo
Knowles Electronics
2403-260-00041 KNOWLES-2403-260-00041 Datasheet
542Kb / 19P
RA RECEIVER 10 X 4.8 X 2 MM WITH MESH
logo
Schneider Electric
XGFEC2525 SCHNEIDER-XGFEC2525 Datasheet
131Kb / 5P
field expander universal type - Sn 26..150 mm - 250 x 250 x 10 mm
Jan 7, 2021
logo
Schurter Inc.
PSC125V SCHURTER-PSC125V_V01 Datasheet
190Kb / 3P
Subminiature Fuse, 10 x 10 mm, 125 VAC, 125 VDC
logo
Eaton All Rights Reserv...
EAC10 EATON-EAC10 Datasheet
1Mb / 6P
10 x 32 mm high breaking capacity fuse
August 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com