Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA-P Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # UDA-P
Description  5.2Ø x 20 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

UDA-P Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  UDA-P Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72 |
Axial Lead & Cartridge Fuse
UDA-P
5.2Ø x 20 mm
Time-Lag Fuse
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
1A - 10A
TUV
1A - 10A
PSE
1A - 10A
KTL
1A - 10A
CCC
1A - 10A
Electrical Characteristics
Ampere
Rating
2.1 ln
2.75 ln
4 ln
10 ln
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1A - 3.15A
30 min 750 ms 80 sec 95 ms
5 sec
10 ms 150 ms
4A - 6.3A
30 min 750 ms 80 sec 150 ms 5 sec
10 ms 150 ms
8A - 10A
30 min 750 ms 80 sec 150 ms 5 sec
10 ms 150 ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
UDA-P 001
1A
250V
0.0744
350
6.9120
UDA-P 1.25
1.25A
0.0618
300
9.0000
UDA-P 1.60
1.6A
0.0781
200
6.2640
UDA-P 002
2A
0.0478
190
11.088
UDA-P 2.50
2.5A
0.0385
180
24.750
UDA-P 3.15
3.15A
0.0265
140
41.697
UDA-P 004
4A
0.0175
100
95.904
UDA-P 005
5A
0.0130
100
112.50
UDA-P 6.30
6.3A
0.0099
100
130.10
UDA-P 008
8A
0.0075
100
194.69
UDA-P 010
10A
0.0059
100
331.20
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Caps: Nickel Plated Brass
Leads Wire
Ø0.65 mm 6.3A and less.
Ø0.8 mm 8A/10A
Packaging
Packaging Option
Quantity
Bulk
500 pcs / box
On Axial Tape & Reel
1,000 pcs / box
Interrupting Rating
1500 amperes at 250V AC
Mechanical Dimensions (mm)
20.0±0.5
40.0±2.0
UDA-P


Similar Part No. - UDA-P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UDA-10 MICROSEMI-UDA-10 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
UDA-15 MICROSEMI-UDA-15 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
UDA-5 MICROSEMI-UDA-5 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
UDA-7.5 MICROSEMI-UDA-7.5 Datasheet
148Kb / 3P
HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY
logo
Conquer Electronics Co....
UDA-A CONQUER-UDA-A Datasheet
178Kb / 1P
5.2Ø x 20 mm
More results

Similar Description - UDA-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com