Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431C02STOB Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZHT431C02STOB
Description  Adjustable precision Zener shunt regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT431C02STOB Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZHT431C02STOB Datasheet HTML 1Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 2Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 3Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 4Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 5Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 6Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 7Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 8Page - Zetex Semiconductors ZHT431C02STOB Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZHT431
Issue 5 - October 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics test conditions (unless otherwise stated):Tamb=25°C
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference
input voltage over the full temperature range.
The average temperature coefficient of the reference input voltage, VREF is defined as:
The dynamic output impedance, RZ, is defined as:
When the device is programmed with two externalresistors, R1
and R2, (fig 2) , the dynamic
outputimpedance of the overall
circuit, R’, is defined as:
Symbol Parameter
Value
Units Conditions
Min.
Typ.
Max.
VREF
Reference voltage
2%
2.45
2.50
2.55
V
IL=10mA (Fig.1),
VZ=VREF
1%
2.475
2.50
2.525
V
VDEV
Deviation of reference input
voltage over temperature
10
30
mV
IL=10mA, VZ=VREF
Tamb=full range (Fig1)
Ratio of the change in
reference voltage to the
change in cathode voltage
-1.85
-2.7
mV/V VZ from VREF to 10V
IZ=10mA (Fig.2)
-1.0
-2.0
mv/V VZ from 10V to 20V
IZ=10mA (Fig.2)
IREF
Reference input current
0.12
1.0
A
R1=10k, R2=O/C,
lL=10mA (Fig.2)
IREF
Deviation of reference input
current over temperature
0.04
0.2
A
R1=10k, R2=O/C,
IL=10mA Tamb=full
range (Fig.2)
IZmin
Minimum cathode current
for regulation
35
50
AVZ=VREF (Fig.1)
IZoff
Off-state current
0.1
AVZ=20V, VREF=0V(Fig.3)
RZ
Dynamic output impedance
0.75
VZ=VREF (Fig.1), f=0Hz,
IC=1mA to 100mA
∆V
REF
∆V
Z
-----------------
Vmax
Vmin
T1
T2
Vdev =Vmax -Vmin
Temperature
V
REF
ppm
°C
-------------⎠
⎞
⎝
⎛
V
DEV x 1000000
V
REF T1
T2
–
()
------------------------------------------
=
R
Z
∆V
Z
∆I
Z
----------
=
R
′
R
Z 1
R1
R2
-------
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com