Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLLS410TA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZLLS410TA
Description  10V Low leakage Schottky diode in SOD323
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS410TA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZLLS410TA Datasheet HTML 1Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 2Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 3Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 4Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 5Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 6Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 7Page - Zetex Semiconductors ZLLS410TA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZLLS410
Issue 1 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t < 5 secs.
Parameter
Symbol
Limit
Unit
Continuous reverse voltage
VR
10
V
Forward current
IF
570
mA
Peak repetitive forward current
Rectangular pulse duty cycle 50%, Pulse width = 100µs
IFPK
1.25
A
Non repetitive forward current
t < 100µs
t < 10ms
IFSM
17
4
A
Power dissipation at Tamb = 25ºC
Continuous
PD
330
mW
t < 5 secs
390
mW
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
379
°C/W
Junction to ambient(b)
R JA
317
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com